Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD830 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD830
Description  8.0A SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD830 Datasheet(HTML) 2 Page - Diodes Incorporated

  SD830 Datasheet HTML 1Page - Diodes Incorporated SD830 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S23006 Rev. F-2
2 of 2
SD830 - SD860
0
2
4
6
8
10
20
40
60
80
100 120 140
T , LEAD TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
L
0
25
50
75
100
125
150
175
1.0
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current
200
8.3 ms Single Half Sine-Wave
JEDEC Method
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (VOLTS)
Fig. 3 Typical Junction Capacitance
R
TJ = 25ºC
f = 1MHz
0.1
1.0
10
50
0.1
0.3
0.5
0.7
0.9
1.1
V , INSTANTANEOUS FWD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
TJ = 25ºC
Pulse Width = 300ms
1% Duty Cycle



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com