Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5010 Datasheet(PDF) 8 Page - NEC

Part # 2SC5010
Description  NPN SILICON EPITAXIAL TRANSISTOR 3 PINS ULTRA SUPER MINI MOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5010 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5010 Datasheet HTML 2Page - NEC 2SC5010 Datasheet HTML 3Page - NEC 2SC5010 Datasheet HTML 4Page - NEC 2SC5010 Datasheet HTML 5Page - NEC 2SC5010 Datasheet HTML 6Page - NEC 2SC5010 Datasheet HTML 7Page - NEC 2SC5010 Datasheet HTML 8Page - NEC 2SC5010 Datasheet HTML 9Page - NEC 2SC5010 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5010
8
S-PARAMETER
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.932
–10.9
5.529
165.7
.024
81.3
.977
–9.5
200.00
.886
–21.6
5.442
154.3
.045
73.7
.930
–18.3
300.00
.838
–32.2
5.475
144.7
.063
67.9
.869
–25.8
400.00
.788
–42.9
5.242
136.1
.079
61.7
.800
–32.3
500.00
.733
–53.6
5.156
129.6
.092
57.3
.739
–37.5
600.00
.682
–63.5
4.819
122.0
.102
53.8
.682
–41.9
700.00
.620
–73.4
4.644
115.5
.112
50.8
.628
–45.8
800.00
.573
–83.7
4.447
108.7
.119
49.1
.579
–48.8
900.00
.520
–93.9
4.276
103.0
.126
47.2
.535
–51.8
1000.00
.473
–104.2
4.118
96.8
.133
45.6
.498
–54.0
1100.00
.431
–113.9
3.894
91.7
.140
44.6
.467
–55.9
1200.00
.400
–123.4
3.708
86.7
.145
43.7
.439
–57.8
1300.00
.376
–131.6
3.495
82.4
.151
42.9
.412
–59.8
1400.00
.361
–139.7
3.333
78.7
.157
42.1
.389
–61.6
1500.00
.345
–147.7
3.151
74.5
.163
41.4
.368
–63.5
1600.00
.335
–155.3
3.003
71.0
.168
40.5
.347
–65.5
1700.00
.330
–163.1
2.872
67.3
.174
40.3
.329
–67.2
1800.00
.326
–169.9
2.735
64.3
.180
39.5
.313
–69.2
1900.00
.326
–176.4
2.628
61.1
.186
39.0
.297
–71.3
2000.00
.329
177.0
2.509
57.8
.194
38.1
.281
–73.7
2100.00
.333
171.0
2.419
54.9
.199
37.4
.266
–76.1
2200.00
.337
165.6
2.323
51.8
.205
36.7
.253
–78.5
2300.00
.344
160.5
2.251
49.2
.211
36.1
.239
–81.6
2400.00
.351
155.7
2.166
46.2
.218
35.5
.228
–84.2
2500.00
.359
151.3
2.097
43.7
.223
34.5
.214
–87.5
2600.00
.369
146.8
2.035
40.8
.230
33.8
.204
–91.0
2700.00
.378
143.2
1.966
38.4
.237
33.1
.193
–95.1
2800.00
.389
139.6
1.912
35.7
.242
32.0
.181
–99.7
2900.00
.399
135.9
1.853
33.2
.250
31.3
.172
–104.3
3000.00
.411
133.1
1.805
30.8
.256
30.2
.164
–109.4
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.006
–6.7
1.908
171.3
.025
84.6
.994
–5.1
200.00
.982
–13.7
1.949
162.2
.049
78.6
.982
–10.0
300.00
.970
–20.1
2.027
155.2
.072
73.9
.965
–14.8
400.00
.946
–27.6
2.024
147.2
.094
68.1
.938
–19.6
500.00
.924
–34.0
2.051
142.2
.114
63.6
.914
–23.9
600.00
.903
–41.0
1.977
135.3
.132
59.0
.887
–28.0
700.00
.867
–47.2
1.946
129.7
.148
54.6
.857
–32.2
800.00
.848
–54.0
1.915
123.4
.162
50.6
.822
–35.9
900.00
.811
–60.7
1.874
118.2
.173
46.2
.789
–39.8
1000.00
.783
–68.4
1.908
112.8
.184
43.0
.754
–43.2
1100.00
.741
–76.2
1.919
107.3
.193
39.9
.723
–46.0
1200.00
.707
–84.1
1.946
102.3
.201
37.1
.692
–48.6
1300.00
.675
–91.2
1.902
97.1
.207
34.5
.663
–51.5
1400.00
.647
–98.6
1.888
92.7
.212
31.8
.634
–54.1
1500.00
.617
–106.1
1.846
87.4
.216
29.5
.609
–56.8
1600.00
.589
–112.9
1.808
83.0
.220
27.1
.582
–59.4
1700.00
.565
–121.2
1.799
78.3
.223
25.4
.560
–61.8
1800.00
.542
–128.2
1.741
74.4
.224
23.6
.538
–64.1
1900.00
.523
–135.5
1.729
70.2
.226
22.4
.515
–66.4
2000.00
.502
–144.0
1.703
65.7
.228
20.7
.497
–68.6
2100.00
.489
–150.9
1.667
62.1
.228
19.7
.476
–71.1
2200.00
.479
–158.0
1.625
58.0
.229
18.6
.459
–73.4
2300.00
.470
–164.8
1.605
54.7
.230
17.6
.440
–76.0
2400.00
.466
–171.5
1.557
50.8
.230
16.7
.428
–78.3
2500.00
.461
–177.8
1.524
47.6
.230
16.0
.413
–81.1
2600.00
.462
175.8
1.497
44.0
.231
15.7
.399
–83.7
2700.00
.462
170.4
1.460
40.9
.231
15.5
.384
–86.7
2800.00
.465
164.8
1.433
37.8
.232
14.8
.372
–89.8
2900.00
.466
159.2
1.399
34.6
.233
14.7
.360
–92.9
3000.00
.474
154.9
1.374
31.8
.234
14.5
.351
–96.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com