Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF3711LPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRF3711LPBF
Description  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3711LPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF3711LPBF Datasheet HTML 4Page - International Rectifier IRF3711LPBF Datasheet HTML 5Page - International Rectifier IRF3711LPBF Datasheet HTML 6Page - International Rectifier IRF3711LPBF Datasheet HTML 7Page - International Rectifier IRF3711LPBF Datasheet HTML 8Page - International Rectifier IRF3711LPBF Datasheet HTML 9Page - International Rectifier IRF3711LPBF Datasheet HTML 10Page - International Rectifier IRF3711LPBF Datasheet HTML 11Page - International Rectifier IRF3711LPBF Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.irf.com
11
IRF3711/S/LPbF
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting TJ = 25°C, L = 1.0mH
RG = 25Ω, IAS = 30A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ This is only applied to TO-220AB package
… This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/04
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
D2Pak Tape & Reel Infomation
Dimensions are shown in millimeters (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com