Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDMP0340LT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDMP0340LT
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDMP0340LT Datasheet(HTML) 2 Page - Diodes Incorporated

  SDMP0340LT Datasheet HTML 1Page - Diodes Incorporated SDMP0340LT Datasheet HTML 2Page - Diodes Incorporated SDMP0340LT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30266 Rev. 3 - 2
2 of 3
SDMP0340LT /LST /LCT /LAT
0
100
150
50
200
250
0
25
50
75
100
125
T , AMBIENT TEMPERATURE (°C)
A
Fig. 1, Power Derating Curve
(see Note 1)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.2 Typical Forward Characteristics
T = +125ºC
A
T = +75ºC
A
T = +25ºC
A
100m
1m
10m
1
0
5
10
15
20
25
30
35
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig.3 Typical Reverse Characteristics
T = +125ºC
A
T = 75ºC
A
T = 25ºC
A
T = -25ºC
A
100n
10n
1n
0.1
1
10
100
0
5
10
15
20
25
V , REVERSE VOLTAGE (V)
R
Fig.4 Typical Capacitance Between Terminals Characteristics
0.1
0.2
0.5
1
5
2
10
0
4
8
12
16
20
24
28
I , FORWARD CURRENT (mA)
F
Fig.5 Typical Reverse Recovery Time Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com