Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF11 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF11
Description  1.0A SUPER-FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF11 Datasheet(HTML) 1 Page - Diodes Incorporated

  SF11 Datasheet HTML 1Page - Diodes Incorporated SF11 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S24001 Rev. D1-3
1 of 2
SF11 - SF14
Features
·
Low Leakage
·
Low Forward Voltage Drop
·
High Current Capability
·
Super-fast Switching Speed < 35ns
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Axial Leads, Solderable per
MIL-STD-202 Method 208
·
Polarity: Color Band Denotes Cathode
·
Approx. Weight: 0.3 grams
·
Mounting Position: Any
Ratings at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
SF11
SF12
SF13
SF14
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current .375"
9.5mm Lead Length
@ TA=55
°C
I(AV)
1.0
A
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFM
30
A
Maximum Instantaneous Forward Voltage at 1.0A DC
Vf
0.975
V
Maximum DC Reverse Current at Rated DC Blocking
Voltage
IR
5.0
mA
Maximum DC Reverse Current at Rated
DC Blocking Voltage
@ TA = 150
°C
IR
50
mA
Maximum Reverse Recovery Time (Note 1)
Trr
35
ns
Typical Junction Capacitance (Note 2)
CJ
63
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to + 175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V.
SF11 - SF14
1.0A SUPER-FAST RECOVERY RECTIFIER
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.4
—
B
4.1
5.2
C
0.71
0.86
D
2.0
2.7
All Dimensions in mm


Similar Part No. - SF11

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF11 MOSPEC-SF11 Datasheet
137Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
logo
Won-Top Electronics
SF11 WTE-SF11 Datasheet
46Kb / 3P
1.0A SUPER-FAST RECTIFIER
logo
Zowie Technology Corpor...
SF11 ZOWIE-SF11 Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Rectron Semiconductor
SF11 RECTRON-SF11 Datasheet
27Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER (VOLTAGE RANGE 50 to 400 Volts CURRENT 1.0 Ampere)
logo
Jinan Gude Electronic D...
SF11 JGD-SF11 Datasheet
161Kb / 2P
1.0 AMP. SUPER FAST RECTIFIERS
More results

Similar Description - SF11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
TAITRON Components Inco...
TSF11 TAITRON-TSF11 Datasheet
130Kb / 4P
1.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
1.0A SUPER-FAST RECTIFIER
Rev erse
logo
YENYO TECHNOLOGY Co., L...
FS1AF YENYO-FS1AF Datasheet
281Kb / 3P
1.0A Super Fast Recovery Rectifier
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
1.0A SUPER FAST RECOVERY RECTIFIER
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
1.0A SUPER FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com