Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SF13
Description  1.0A SUPER-FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF13 Datasheet(HTML) 2 Page - Diodes Incorporated

  SF13 Datasheet HTML 1Page - Diodes Incorporated SF13 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S24001 Rev. D1-3
2 of 2
SF11 - SF14
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE
Fig.2Typical Reverse Characteristics
T = 150ºC
J
T = 25ºC
J
T = 100ºC
J
0.001
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.3Typ. Instantaneous Fwd Characteristics
T = 25ºC
J
PULSE WIDTH
= 300 ms
1% DUTY CYCLE
10
20
30
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 4 Max Non-Repetitive Peak Fwd Surge Current (A)
8.3ms Single Half Sine-Wave
JEDEC Method
10
20
30
40
50
60
70
0
0.1
1.0
10
100
1000
REVERSE VOLTAGE (VOLTS)
Fig.5Typical Junction Capacitance
T = 25ºC
J
0
1.0
2.0
0
25
50
75
100 125
150 175
AMBIENT TEMPERATURE (ºC)
Fig.1Typical Forward Current Derating Curve
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com