Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF303 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SF303
Description  30A SUPER-FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF303 Datasheet(HTML) 3 Page - Diodes Incorporated

  SF303 Datasheet HTML 1Page - Diodes Incorporated SF303 Datasheet HTML 2Page - Diodes Incorporated SF303 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S24007 Rev. D-3
3 of 3
SF301-SF301
0
40
80
160
120
200
0.01
0.1
1.0
10
V , REVERSE VOLTAGE (VOLTS)
Fig. 5, Typical Reverse Characteristics
R
-1.0A
-0.25A
0
+0.5A
SET TIME BASE FOR
5/10 ns/cm
1cm
trr
25Vdc
(approx)
Oscilloscope
(Note 1)
1W
Non
Inductive
10W
Non
Inductive
50W
Non
Inductive
Pulse
Generator
(Note 2)
+
-
Notes: 1. Rise Time = 7ns max,
nce = 1MW 22pF
2. Rise Time = 10ns max
Source Impedence = 50W
Device under test
-
+



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com