Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF63 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF63
Description  6.0A SUPER-FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF63 Datasheet(HTML) 1 Page - Diodes Incorporated

  SF63 Datasheet HTML 1Page - Diodes Incorporated SF63 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S24004 Rev. D-3
1 of 2
SF61-SF64
Features
·
Low Leakage
·
Low Forward Voltage Drop
·
High Current Capability
·
Super-Fast Switching Speed < 35ns
·
Plastic Material - U/L Flammability
Classification 94V-0
Mechanical Data
·
Case: DO-201AD, Molded Plastic
·
Terminals: Plated Axial Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Color Band Denotes Cathode
·
Approx. Weight: 1.2 grams
·
Mounting Position: Any
Ratings at 25° C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current 20%.
Maximum Ratings and Electrical Characteristics
Characteristic
Symbol
SF61
SF62
SF63
SF64
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
V
Maximum RMS Voltage
VRMS
35
70
105
140
V
Maximum DC Blocking voltage
VDC
50
100
150
200
V
Maximum Average Forward Rectified Current 9.5mm Lead
Length
@ TA=55
°C
I(AV)
6.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
IFM
150
A
Maximum Instantaneous Forward Voltage
@ 6.0A DC
VF
1.0
V
Maximum DC Reverse Current at Rated DC Blocking Voltage
IR
10
µA
Maximum DC Reverse Current at Rated DC Blocking Voltage
@ TA = 150
°C
IR
150
µA
Maximum Reverse Recovery Time (Note 1)
Trr
35
ns
Typical Junction Capacitance (Note 2)
CJ
170
pF
Operating and Storage Temperature Range
TJ,TSTG
-65 to + 175
°C
Notes:
1. Reverse Recovery Test Conditions: IF =0.5 A, IR =1.0 A, IRR=0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0V.
A
A
B
C
D
SF61 - SF64
6.0A SUPER-FAST RECOVERY RECTIFIER
DO-201AD
Dim
Min
Max
A
25.4
—
B
—
9.5
C
1.2
1.3
D
4.8
5.2
All Dimensions in mm


Similar Part No. - SF63

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF63 WTE-SF63 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF63 JGD-SF63 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF63 BYTES-SF63 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Formosa MS
SF63 FORMOSA-SF63 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SF63 TSC-SF63 Datasheet
70Kb / 2P
6.0 AMPS. Super Fast Rectifiers
More results

Similar Description - SF63

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR601 WTE-FR601 Datasheet
51Kb / 3P
6.0A FAST RECOVERY RECTIFIER
SF61 WTE-SF61 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Diodes Incorporated
FR601 DIODES-FR601 Datasheet
57Kb / 2P
6.0A FAST RECOVERY RECTIFIER
DS26004 Rev. C1-3
PR6001 DIODES-PR6001_1 Datasheet
97Kb / 3P
6.0A FAST RECOVERY RECTIFIER
DS26007 Rev. 3 - 2
logo
TAITRON Components Inco...
TSF61 TAITRON-TSF61 Datasheet
129Kb / 4P
6.0A Super Fast Recovery Rectifier
TF601L TAITRON-TF601L Datasheet
132Kb / 4P
6.0A Fast Recovery Rectifier
logo
Diodes Incorporated
FR602-T DIODES-FR602-T Datasheet
59Kb / 2P
6.0A FAST RECOVERY RECTIFIER
Rev erse
logo
Zibo Seno Electronic En...
SF61 ZSELEC-SF61 Datasheet
142Kb / 2P
6.0A SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D3K603SF YFWDIODE-D3K603SF Datasheet
340Kb / 3P
6.0A Super Fast Recovery Rectifier Bridge
GBU603SF YFWDIODE-GBU603SF Datasheet
317Kb / 3P
6.0A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com