Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN2E5-SMD Datasheet(PDF) 2 Page - Socay Electornics Co., Ltd.

Part # UN2E5-SMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

UN2E5-SMD Datasheet(HTML) 2 Page - Socay Electornics Co., Ltd.

  UN2E5-SMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. UN2E5-SMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. UN2E5-SMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. UN2E5-SMD Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision March 6, 2014
2 / 4
@SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
UN2E5-SMD Series
SOCAY Electronics Co., Ltd.
www.socay.com
Service Life
DC
Spark-over
Voltage
Maximum
Impulse
Spark-over
Voltage
Maximum
Capacitance
Arc
Voltage
Nominal
Impulse
Discharge
Current
Max
Impulse
Discharge
Current
Nominal
Alternating
Discharge
Current
Impulse
Life
Part Number
@100V/S
@100V/
μs @1KV/μs
Minimum
Insulation
Resistance
@1MHz
@1A
@8/20
μs
±5 times
@8/20
μs
1 time
@50Hz
1 Sec
10 times
@10/1000
μs
300 times
UN2E5-90LSMD
90V
±20%
<500V
<650V
1 G
Ω
(at 50V DC)
<1.0pF
~15V
5KA
10KA
5A
100A
UN2E5-150LSMD
150V
±20%
<500V
<650V
1 G
Ω
(at 50V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-200LSMD
200V
±20%
<500V
<650V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-230LSMD
230V
±20%
<600V
<700V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-300LSMD
300V
±20%
<700V
<800V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-350LSMD
350V
±20%
<700V
<800V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-400LSMD
400V
±20%
<800V
<950V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-470LSMD
470V
±20%
<900V
<1000V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
UN2E5-600LSMD
600V
±20%
<1100V <1200V
1 G
Ω
(at 100V DC)
<1.0pF
~20V
5KA
10KA
5A
100A
Notes:
1. Terms in accordance with ITU-T K.12 and GB/T 9043-2008
2. At delivery AQL 0.65 level Ⅱ, DIN ISO 2859
Device Dimensions
(Unit: mm)
Electrical Characteristics
Recommended pad outline



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com