Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJSSE-5380 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RJSSE-5380
Description  RJHSE Series RJ45
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RJSSE-5380 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RJSSE-5380 Datasheet HTML 1Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 2Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 3Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 4Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 5Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 6Page - List of Unclassifed Manufacturers RJSSE-5380 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
Amphenol InfoCom Europe | www.amphenolinfocom.eu | info@amphenol-nl.com | Specifications subject to change
60
Specifications:
Contact Resistance: 20 milliohms maximum
Insulation Resistance: 500 Megohms minimum
Current Rating: 1,5 Amps DC maximum
Voltage Rating: 125 Volts AC
Materials:
Contacts: Phosphor Bronze; Gold over Nickel
Insert: High temp thermoplastic suitable for reflow
solder process. Wave solder process recommended
for connectors with LED’s
Shell: Copper Alloy; Nickel plated with pure tin
dipped PCB tail
RJHSE SERiES RJ45
Part Numbers:
Part number
Shielding
LED
Number of ports
RJHSE-5080
No
Blocked
Single port
RJHSE-5081
No
Led 1 green, led 2 yellow
Single port
RJHSE-5084-04
No
Led 1 yellow, led 2 green
4 ports
RJHSE-5085
No
Led 1green, led 2 green
Single port
RJHSE-5085-02
No
Led 1green, led 2 green
2 ports
RJHSE-5380
Yes
Blocked
Single port
RJHSE-5381
Yes
Led 1 green, led 2 yellow
Single port
RJHSE-5381-04
Yes
Led 1 green, led 2 yellow
4 ports
RJHSE-5382
Yes
Led 1 green
Single port
RJHSE-5384
Yes
Led 1 yellow, led 2 green
Single port
RJHSE-5384-02
Yes
Led 1 yellow, led 2 green
2 ports
RJHSE-5385
Yes
Led 1green, led 2 green
Single port
RJSSE-5080
No
Blocked
Single port
RJSSE-5380
Yes
Blocked
Single port
RJSSE-5381-02
Yes
Led 1 green, led 2 yellow
2 ports



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com