Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07D221K Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # 07D221K
Description  Radial Lead Varistor (MOV)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

07D221K Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  07D221K Datasheet HTML 1Page - Socay Electornics Co., Ltd. 07D221K Datasheet HTML 2Page - Socay Electornics Co., Ltd. 07D221K Datasheet HTML 3Page - Socay Electornics Co., Ltd. 07D221K Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Radial Lead Varistor (MOV)
Revision September 25, 2013
4 / 4
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
10D Series
SOCAY Electronics Co., Ltd.
www.socay.com
07D Series
Part Number
Quantity
Packaging Option
Packaging
Specification
07DXXXXX
1000
Plastic bag
Bulk Pack
Packaging Specification
TABLE1
TABLE2
Symbol
Dimensions
Model
T(max.)
Model
T(max.)
H(max.)
12..0
180K
4.50
241K
4.60
H1(max.)
13.5
220K
4.60
271K
4.90
L(min.)
20.0
270K
4.70
301K
5.00
L1(min.)
15.0
330K
4.90
331K
5.10
D(max.)
9.0
390K
4.80
361K
5.20
D1(
±0.8)
5.0
470K
4.90
391K
5.40
T(max.)
TABLE2
560K
5.00
431K
5.70
d(
±0.05)
0.6
680K
5.20
471K
6.00
d1(
±0.4)
1.2
820K
4.10
511K
6.20
101K
4.30
561K
6.50
121K
4.50
621K
7.10
151K
4.80
681K
7.30
181K
4.30
751K
7.06
201K
4.40
781K
7.24
221K
4.50
821K
7.28
Packaging Information
Package Dimensions
Unit: mm
Part Numbering
Part Marking
07 D XXX K J
J: High Surge, without: Standard
Tolerance:
K:
±10%, L: ±15%, M: ±20%
Varistor Voltage
Type:
D: Disk, S: Square
Element Diameter
07DXXXX
Product Type
Logo
VDE Accreditation Logo
UL Accreditation Logo



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com