Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPRF1630CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # STPRF1630CT
Description  16A SUPER-FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

STPRF1630CT Datasheet(HTML) 1 Page - Diodes Incorporated

  STPRF1630CT Datasheet HTML 1Page - Diodes Incorporated STPRF1630CT Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S14011 Rev. C-2
1 of 2
STPRF1605CT - STPRF1640CT
STPRF1605CT - STPRF1640CT
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin 1
Pin 3
Pin 2
Case
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
Super-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 200A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Marking: Type Number
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
Single phase, single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
STPRF
1605CT
STPRF
1610CT
STPRF
1615CT
STPRF
1620CT
STPRF
1630CT
STPRF
1640CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
300
400
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
V
Average Rectified Output
@ TC = 100
°C
Current
(Note 1)
IO
16
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
200
A
Forward Voltage
@ IF = 8.0A
VFM
0.95
1.3
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage @ TC = 100
°C
IRM
5.0
500
mA
Reverse Recovery Time
(Note 2)
trr
35
50
ns
Typical Junction Capacitance
(Note 3)
Cj
85
pF
Typical Thermal Resistance Junction to Case
RqJC
3.1
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Case mounted on heatsink.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A.
3. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
TO-220AB
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
H
2.29
2.79
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
All Dimensions in mm


Similar Part No. - STPRF1630CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STPRF1630CT ETC1-STPRF1630CT Datasheet
105Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Sirectifier Semiconduct...
STPRF1630CT SIRECTIFIER-STPRF1630CT Datasheet
100Kb / 2P
Ultra Fast Recovery Diodes
logo
Sirectifier Global Corp...
STPRF1630CT SIRECT-STPRF1630CT Datasheet
103Kb / 2P
Ultra Fast Recovery Diodes
More results

Similar Description - STPRF1630CT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER1600CT WTE-ER1600CT Datasheet
52Kb / 3P
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
FR1601G WTE-FR1601G Datasheet
54Kb / 3P
16A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF1601G WTE-SF1601G Datasheet
46Kb / 3P
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
SF1601PT WTE-SF1601PT Datasheet
45Kb / 3P
16A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Frontier Electronics.
FEF160-02 FRONTIER-FEF160-02 Datasheet
130Kb / 2P
16A FAST EFFICIENT GLASS PASSIVATED RECTIFIER
FEF160-02CT FRONTIER-FEF160-02CT Datasheet
130Kb / 2P
16A DUAL FAST EFFICIENT GLASS PASSIVATED RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com