Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2004 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # UG2004
Description  2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UG2004 Datasheet(HTML) 1 Page - Diodes Incorporated

  UG2004 Datasheet HTML 1Page - Diodes Incorporated UG2004 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S27009 Rev. A1-2
1 of 2
UG2001 - UG2005
UG2001 - UG2005
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Diffused Junction
·
Ultra-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Surge Overload Rating to 60A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.4 grams (approx.)
·
Mounting Position: Any
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UG2001
UG2002
UG2003
UG2004
UG2005
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
V
Average Rectified Output Current
(Note 1)
@ TA = 55
°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
60
A
Forward Voltage
@ IF = 2.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
8.0
100
mA
Reverse Recovery Time (Note 3)
trr
50
ns
Typical Junction Capacitance (Note 2)
Cj
20
10
pF
Typical Thermal Resistance Junction to Ambient
RqJA
50
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.


Similar Part No. - UG2004

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
UG2004 ZSELEC-UG2004 Datasheet
89Kb / 2P
2.0A GLASS PASSIVATED ULTRAFAST DIODE
logo
Taiwan Semiconductor Co...
UG2004PT TSC-UG2004PT Datasheet
245Kb / 3P
Ultra Fast Rectifiers
logo
Inchange Semiconductor ...
UG2004PT ISC-UG2004PT Datasheet
287Kb / 2P
Ultrafast Rectifier
More results

Similar Description - UG2004

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR2001G DIODES-PR2001G Datasheet
62Kb / 2P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. A1-2
SF20AG DIODES-SF20AG Datasheet
62Kb / 2P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
SF20AG DIODES-SF20AG_1 Datasheet
404Kb / 3P
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. 3 - 2
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
UGF2A TAITRON-UGF2A Datasheet
147Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Rectifier
UGP20A TAITRON-UGP20A Datasheet
191Kb / 4P
2.0A Sintered Glass Passivated Ultra Fast Recovery Rectifier
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
RGP20A TAITRON-RGP20A Datasheet
133Kb / 4P
2.0A Sintered Glass Passivated Fast Recovery Rectifier
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
2.0A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR20-005G FRONTIER-FR20-005G Datasheet
131Kb / 2P
2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com