Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5015 Datasheet(PDF) 5 Page - NEC

Part # 2SC5015
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5015 Datasheet(HTML) 5 Page - NEC

  2SC5015 Datasheet HTML 1Page - NEC 2SC5015 Datasheet HTML 2Page - NEC 2SC5015 Datasheet HTML 3Page - NEC 2SC5015 Datasheet HTML 4Page - NEC 2SC5015 Datasheet HTML 5Page - NEC 2SC5015 Datasheet HTML 6Page - NEC 2SC5015 Datasheet HTML 7Page - NEC 2SC5015 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SC5015
5
S-PARAMETER
VCE = 3 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.727
–22.0
22.084
159.4
.011
87.5
.934
–13.1
200.00
.640
–42.3
19.220
142.1
.029
70.7
.832
–24.3
300.00
.537
–57.8
16.333
129.2
.041
69.4
.735
–31.7
400.00
.452
–70.0
13.716
119.6
.046
60.9
.642
–35.6
500.00
.374
–82.3
11.834
111.2
.051
59.6
.562
–39.2
600.00
.332
–91.0
10.355
105.6
.060
61.7
.520
–40.7
700.00
.293
–101.5
9.190
100.2
.066
61.0
.479
–42.0
800.00
.255
–109.0
8.182
95.6
.072
61.3
.443
–44.4
900.00
.231
–119.1
7.376
91.9
.076
60.5
.413
–44.0
1000.00
.211
–128.8
6.751
87.9
.086
61.2
.394
–43.9
1100.00
.200
–136.1
6.171
84.9
.095
62.6
.376
–45.7
1200.00
.184
–143.4
5.658
81.7
.099
58.8
.363
–47.1
1300.00
.184
–154.3
5.286
79.0
.103
60.1
.342
–48.3
1400.00
.180
–162.4
4.932
76.2
.111
54.6
.332
–48.3
1500.00
.174
–171.5
4.630
73.3
.115
56.8
.310
–51.6
1600.00
.180
–178.4
4.347
70.9
.123
58.2
.303
–53.2
1700.00
.192
176.8
4.128
68.7
.131
54.1
.292
–51.8
1800.00
.193
169.1
3.914
66.0
.132
55.6
.292
–54.2
1900.00
.191
165.2
3.734
64.0
.139
51.7
.285
–55.3
2000.00
.209
161.0
3.561
61.1
.151
53.8
.281
–60.1
2100.00
.212
154.0
3.386
59.3
.154
51.9
.268
–61.0
2200.00
.219
148.1
3.242
56.7
.165
50.8
.267
–64.1
2300.00
.230
147.0
3.117
54.9
.169
49.2
.259
–63.5
2400.00
.230
141.3
2.986
53.0
.172
51.0
.240
–66.9
2500.00
.243
140.6
2.891
50.2
.186
48.5
.239
–68.9
2600.00
.254
135.8
2.790
48.6
.188
47.7
.249
–67.8
2700.00
.247
135.4
2.703
47.4
.193
47.9
.242
–73.3
2800.00
.251
132.3
2.610
44.0
.203
45.5
.237
–75.5
2900.00
.254
131.9
2.525
42.6
.207
44.0
.232
–77.9
3000.00
.269
123.9
2.435
40.5
.213
42.1
.236
–82.2
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
.854
–15.0
13.962
166.0
.014
83.0
.966
–9.2
200.00
.795
–29.7
13.063
152.7
.033
76.1
.917
–17.9
300.00
.724
–41.9
11.975
141.5
.046
71.1
.856
–25.0
400.00
.648
–53.1
10.690
132.1
.054
65.0
.785
–30.0
500.00
.569
–63.9
9.702
123.1
.063
62.7
.711
–34.8
600.00
.516
–72.9
8.789
116.6
.070
58.8
.656
–38.4
700.00
.457
–81.9
8.009
110.2
.078
55.8
.611
–40.8
800.00
.411
–88.9
7.240
104.7
.085
54.3
.562
–44.1
900.00
.374
–96.5
6.634
100.2
.094
55.3
.525
–45.7
1000.00
.331
–105.0
6.145
95.6
.095
52.9
.500
–46.6
1100.00
.310
–111.5
5.664
91.9
.102
53.3
.468
–48.0
1200.00
.277
–118.1
5.207
88.1
.108
50.6
.453
–50.0
1300.00
.260
–126.8
4.898
84.8
.112
51.5
.425
–51.2
1400.00
.249
–134.2
4.595
81.6
.119
52.3
.411
–52.6
1500.00
.232
–143.5
4.329
78.3
.121
50.2
.386
–54.8
1600.00
.232
–150.4
4.085
75.4
.133
48.7
.378
–55.2
1700.00
.234
–158.5
3.892
72.7
.134
46.4
.360
–57.5
1800.00
.216
–164.6
3.678
69.8
.140
47.9
.359
–58.6
1900.00
.211
–171.3
3.514
67.6
.145
45.5
.343
–60.4
2000.00
.230
–176.6
3.368
64.5
.151
46.0
.336
–63.1
2100.00
.224
174.1
3.207
62.2
.161
46.4
.319
–64.7
2200.00
.227
168.9
3.064
59.2
.166
45.9
.317
–66.7
2300.00
.229
165.3
2.942
57.3
.168
44.3
.314
–67.4
2400.00
.230
158.8
2.838
55.3
.174
44.3
.291
–68.4
2500.00
.253
156.1
2.742
52.5
.181
42.8
.290
–71.4
2600.00
.250
150.1
2.656
50.7
.184
44.0
.289
–69.8
2700.00
.248
149.2
2.558
49.0
.189
43.8
.281
–74.2
2800.00
.254
145.7
2.484
45.9
.195
40.9
.283
–77.3
2900.00
.262
143.7
2.405
44.2
.203
39.8
.276
–77.7
3000.00
.264
135.7
2.317
41.7
.208
39.4
.294
–83.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com