Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC30R22KT Datasheet(PDF) 2 Page - Tyco Electronics

Part # SC30R22KT
Description  Axial Leaded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SC30R22KT Datasheet(HTML) 2 Page - Tyco Electronics

  SC30R22KT Datasheet HTML 1Page - Tyco Electronics SC30R22KT Datasheet HTML 2Page - Tyco Electronics SC30R22KT Datasheet HTML 3Page - Tyco Electronics SC30R22KT Datasheet HTML 4Page - Tyco Electronics SC30R22KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Section 1 was formerly the Tyco C10 Series, Section 2 was formerly the Tyco C11 Series, Section 3 was formerly the Tyco C12 Series
Type SC10 - Section 3
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
56
68
82
100
120
150
180
220
270
330
390
470
560
680
820
1000
560
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
55
55
50
50
40
40
45
45
45
45
45
45
45
45
45
40
11
10
8.5
7.0
6.5
5.5
5.0
4.2
3.8
3.3
3.1
2.9
2.7
2.5
2.3
2.2
8.1
9.0
10.0
11.0
12.0
13.0
15.0
17.0
19.5
22.0
24.5
26.5
30.0
33.0
36.5
40.0
170
161
153
146
140
134
125
117
110
103
98
94
88
84
80
76
Type SC10 - Section 2
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
27
33
39
47
3R9
4R7
5R6
6R8
8R2
100
120
150
180
220
270
330
390
470
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
45
45
45
45
45
45
55
55
55
55
55
55
55
55
75
65
60
55
50
45
40
35
30
27
25
22
20
18
0.25
0.35
0.40
0.55
0.75
0.9
1.1
1.5
2.7
3.0
4.5
5.2
7.5
9.6
970
820
765
650
560
510
460
395
295
280
230
210
175
156
Axial Leaded Power Inductors
Type SC10, SC15, SC30, SC55 Series
Literature No. 1773282
Issued: 10-06
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Characteristics - Electrical
Type SC15
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
R15
R18
R22
R27
R33
R39
R47
R56
R68
R82
1R0
1R2
1R5
1R8
2R2
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
50
45
50
45
45
45
45
50
50
50
50
33
33
33
33
525
480
450
400
360
350
310
280
250
220
200
180
160
150
135
0.030
0.040
0.055
0.070
0.090
0.100
0.120
0.135
0.15
0.22
0.29
0.42
0.50
0.65
0.95
2790
2420
2060
1830
1610
1530
1400
1320
1250
1030
900
750
685
600
495



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com