Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACR44U Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # ACR44U
Description  Fast Turn-off Asymmetric Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

ACR44U Datasheet(HTML) 2 Page - Dynex Semiconductor

  ACR44U Datasheet HTML 1Page - Dynex Semiconductor ACR44U Datasheet HTML 2Page - Dynex Semiconductor ACR44U Datasheet HTML 3Page - Dynex Semiconductor ACR44U Datasheet HTML 4Page - Dynex Semiconductor ACR44U Datasheet HTML 5Page - Dynex Semiconductor ACR44U Datasheet HTML 6Page - Dynex Semiconductor ACR44U Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ACR44U
2/7
SURGE RATINGS
Conditions
Max.
Units
Symbol
Parameter
I
TSM
Surge (non-repetitive) forward current
I
2tI2t for fusing
1500
A2s
550
A
10ms half sine; T
case = 125
oC
THERMAL AND MECHANICAL DATA
Conditions
Min.
Max.
Units
Thermal resistance - junction to case
R
th(j-c)
Symbol
Parameter
d.c.
-
0.35
oC/W
Mounting torque 3.5Nm
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.25
-
oC/W
T
vj
Virtual junction temperature
On-state (conducting)
-
125
oC
T
stg
Storage temperature range
-
3.5
-55
125
oC
Mounting torque
4.0
Nm
DYNAMIC CHARACTERISTICS
V
TM
Parameter
Symbol
Conditions
Maximum on-state voltage
At 100A peak, T
case = 25
oC
I
RRM/IDRM
Peak reverse and off-state current
At V
RRM/VDRM, Tcase = 125
oC
From V
DRM to 125A. Gate source 15V, 15Ω
t
r = 50ns
dV/dt
Maximum linear rate of rise of off-state voltage
To V
DRM Tj = 125
oC, gate open circuit
Typ.
Max.
Units
-V
-
20/10
mA
-
600*
V/
µs
-
2000
A/
µs
Rate of rise of on-state current
dI/dt
V
T(TO)
Threshold voltage
-
r
T
On-state slope resistance
-
Latching current
1.5
-V
-
13.3
m
Ω
-
I
L
120
-
mA
I
H
Holding current
-
t
d
Delay time
V
D = 300V, gate source = 15V, 15Ω
25
-
mA
-
250
ns
I
T = 50A, square wave tp = 50µs, Tj = 120˚C,
dI
R/dt = 50A/µs, dV/dt = 600V/µs
to V
DRM,
gate voltage at turn-off 3.5-4.5V. V
R = -1V.
µs
6.0
-
Turn-off time (with antiparallel diode)
t
q
2.7
* Available to 1000V/
µs.
T
case
= 125˚C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com