Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDZ24B Datasheet(PDF) 2 Page - Diodes Incorporated

Part # UDZ24B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ24B Datasheet(HTML) 2 Page - Diodes Incorporated

  UDZ24B Datasheet HTML 1Page - Diodes Incorporated UDZ24B Datasheet HTML 2Page - Diodes Incorporated UDZ24B Datasheet HTML 3Page - Diodes Incorporated UDZ24B Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30290 Rev. 5 - 1
2 of 4
UDZ2V0B-UDZ56B
Type
Number
Marking
Code
Zener Voltage Range
(Note 3)
Maximum Zener Impedance
(Note 4)
Maximum
Reverse
Current
(Note 3)
VZT @IZT
IZT
ZZT @IZT
ZZK @ IZK
IZK
IR
VR
Min (V)
Max (V)
mA
W
mA
uA
V
UDZ2V0B
B1
2.020
2.200
5
100
1000
0.5
120
0.5
UDZ2V2B
B2
2.220
2.410
5
100
1000
0.5
120
0.7
UDZ2V4B
B3
2.430
2.630
5
100
1000
0.5
120
1.0
UDZ2V7B
B4
2.690
2.910
5
110
1000
0.5
100
1.0
UDZ3V0B
B5
3.010
3.220
5
120
1000
0.5
50
1.0
UDZ3V3B
B6
3.320
3.530
5
120
1000
0.5
20
1.0
UDZ3V6B
B7
3.600
3.845
5
100
1000
1.0
10
1.0
UDZ3V9B
B8
3.890
4.160
5
100
1000
1.0
5
1.0
UDZ4V3B
B9
4.170
4.430
5
100
1000
1.0
5
1.0
UDZ4V7B
BA
4.550
4.750
5
100
800
0.5
2
1.0
UDZ5V1B
BB
4.980
5.200
5
80
500
0.5
2
1.5
UDZ5V6B
BC
5.490
5.730
5
60
200
0.5
1
2.5
UDZ6V2B
BD
6.060
6.330
5
60
100
0.5
1
3.0
UDZ6V8B
BE
6.650
6.930
5
40
60
0.5
0.5
3.5
UDZ7V5B
BF
7.280
7.600
5
30
60
0.5
0.5
4.0
UDZ8V2B
BG
8.020
8.360
5
30
60
0.5
0.5
5.0
UDZ9V1B
BH
8.850
9.230
5
30
60
0.5
0.5
6.0
UDZ10B
BI
9.770
10.210
5
30
60
0.5
0.1
7.0
UDZ11B
BJ
10.760
11.220
5
30
60
0.5
0.1
8.0
UDZ12B
BK
11.740
12.240
5
30
80
0.5
0.1
9.0
UDZ13B
BL
12.910
13.490
5
37
80
0.5
0.1
10.0
UDZ15B
BM
14.340
14.980
5
42
80
0.5
0.1
11.0
UDZ16B
BN
15.850
16.510
5
50
80
0.5
0.1
12.0
UDZ18B
BO
17.560
18.350
5
65
80
0.5
0.1
13.0
UDZ20B
BP
19.520
20.390
5
85
100
0.5
0.1
15.0
UDZ22B
BQ
21.540
22.470
5
100
100
0.5
0.1
17.0
UDZ24B
BR
23.720
24.780
5
120
120
0.5
0.1
19.0
UDZ27B
BS
26.190
27.530
5
150
150
0.5
0.1
21.0
UDZ30B
BT
29.190
30.690
5
200
200
0.5
0.1
23.0
UDZ33B
BU
32.150
33.790
5
250
250
0.5
0.1
25.0
UDZ36B
BV
35.070
36.870
5
300
300
0.5
0.1
27.0
UDZ39B
BW
38.025
39.975
5
300
350
0.5
0.1
29.0
UDZ43B
BX
41.925
44.075
2
300
400
0.5
0.1
32.0
UDZ47B
BY
45.825
48.175
2
300
450
0.5
0.1
35.0
UDZ51B
BZ
49.725
52.275
2
350
500
0.5
0.1
38.0
UDZ56B
U1
54.600
57.400
2
350
500
0.5
0.1
42.0
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
3. Short duration test pulse used to minimize self-heating effect.
4. The zener impedances (ZZT, ZZK) are measured by superimposing a minute alternating current on the regulated current (IZ).
UNDER DEVELOPMENT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com