Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM10 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMM10
Description  500mW SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMM10 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMM10 Datasheet HTML 1Page - Diodes Incorporated ZMM10 Datasheet HTML 2Page - Diodes Incorporated ZMM10 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS18005 Rev. H-3
2 of 3
ZMM2V4-ZMM75
Type
Number
Nominal Zener
Voltage
(Note 1)
Zener
Voltage
Range
Maximum
Zener
Impedance
Maximum Zener
Impedance
Maximum
Leakage Current @ VR
Temperature
Coefficient
VZ @IZT
VZ @IZT
ZZT @IZT
ZZK @IZK
IR@
TJ = 25°C
IR@
TJ = 150°C
VR
(V)
(mA)
(V)
(W)(W)
(mA)
(µA)
(µA)
(V)
(%/K)
ZMM2V4
2.4
5.0
2.28 to 2.56
85
600
1.0
50
100
1.0
-0.09 to -0.06
ZMM2V7
2.7
5.0
2.5 to 2.9
85
600
1.0
10
50
1.0
-0.09 to -0.06
ZMM3V0
3.0
5.0
2.8 to 3.2
90
600
1.0
4.0
40
1.0
-0.08 to -0.05
ZMM3V3
3.3
5.0
3.1 to 3.5
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM3V6
3.6
5.0
3.4 to 3.8
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM3V9
3.9
5.0
3.7 to 4.1
90
600
1.0
2.0
40
1.0
-0.08 to -0.05
ZMM4V3
4.3
5.0
4.0 to 4.6
90
600
1.0
1.0
20
1.0
-0.06 to -0.03
ZMM4V7
4.7
5.0
4.4 to 5.0
80
600
1.0
0.5
10
1.0
-0.05 to +0.02
ZMM5V1
5.1
5.0
4.8 to 5.4
60
550
1.0
0.1
2.0
1.0
-0.02 to +0.02
ZMM5V6
5.6
5.0
5.2 to 6.0
40
450
1.0
0.1
2.0
1.0
-0.05 to +0.05
ZMM6V2
6.2
5.0
5.8 to 6.6
10
200
1.0
0.1
2.0
2.0
0.03 to 0.06
ZMM6V8
6.8
5.0
6.4 to 7.2
8.0
150
1.0
0.1
2.0
3.0
0.03 to 0.07
ZMM7V5
7.5
5.0
7.0 to 7.9
7.0
50
1.0
0.1
2.0
5.0
0.03 to 0.07
ZMM8V2
8.2
5.0
7.7 to 8.7
7.0
50
1.0
0.1
2.0
6.2
0.03 to 0.08
ZMM9V1
9.1
5.0
8.5 to 9.6
10
50
1.0
0.1
2.0
6.8
0.03 to 0.09
ZMM10
10
5.0
9.4 to 10.6
15
70
1.0
0.1
2.0
7.5
0.03 to 0.10
ZMM11
11
5.0
10.4 to 11.6
20
70
1.0
0.1
2.0
8.2
0.03 to 0.11
ZMM12
12
5.0
11.4 to 12.7
20
90
1.0
0.1
2.0
9.1
0.03 to 0.11
ZMM13
13
5.0
12.4 to 14.1
26
110
1.0
0.1
2.0
10
0.03 to 0.11
ZMM15
15
5.0
13.8 to 15.6
30
110
1.0
0.1
2.0
11
0.03 to 0.11
ZMM16
16
5.0
15.3 to 17.1
40
170
1.0
0.1
2.0
12
0.03 to 0.11
ZMM18
18
5.0
16.8 to 19.1
50
170
1.0
0.1
2.0
13
0.03 to 0.11
ZMM20
20
5.0
18.8 to 21.2
55
220
1.0
0.1
2.0
15
0.03 to 0.11
ZMM22
22
5.0
20.8 to 23.3
55
220
1.0
0.1
2.0
16
0.04 to 0.12
ZMM24
24
5.0
22.8 to 25.6
80
220
1.0
0.1
2.0
18
0.04 to 0.12
ZMM27
27
5.0
25.1 to 28.9
80
220
1.0
0.1
2.0
20
0.04 to 0.12
ZMM30
30
5.0
28 to 32
80
220
1.0
0.1
2.0
22
0.04 to 0.12
ZMM33
33
5.0
31 to 35
80
220
1.0
0.1
2.0
24
0.04 to 0.12
ZMM36
36
5.0
34 to 38
80
220
1.0
0.1
2.0
27
0.04 to 0.12
ZMM39
39
2.5
37 to 41
90
500
0.5
0.1
5.0
30
0.04 to 0.12
ZMM43
43
2.5
40 to 46
90
600
0.5
0.1
5.0
33
0.04 to 0.12
ZMM47
47
2.5
44 to 50
110
700
0.5
0.1
5.0
36
0.04 to 0.12
ZMM51
51
2.5
48 to 54
125
700
0.5
0.1
10
39
0.04 to 0.12
ZMM56
56
2.5
52 to 60
135
1000
0.5
0.1
10
43
0.04 to 0.12
ZMM62
62
2.5
58 to 66
150
1000
0.5
0.1
10
47
0.04 to 0.12
ZMM68
68
2.5
64 to 72
200
1000
0.5
0.1
10
51
0.04 to 0.12
ZMM75
75
2.5
70 to 79
250
1500
0.5
0.1
10
56
0.04 to 0.12
Notes:
1. Tested with pulses tp = 20 ms.
2. Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics @ TA = 25°C unless otherwise specified
NOT FOR NEW DESIGN,
USE BZT52C2V4 - BZT52C51



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com