Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY10 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZPY10
Description  SILICON PLANAR POWER ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZPY10 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZPY10 Datasheet HTML 1Page - Diodes Incorporated ZPY10 Datasheet HTML 2Page - Diodes Incorporated ZPY10 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
D
S21404 Rev. D-3
3 of 3
ZPY1-ZPY100
50mA
0
40
80
120
160
200
240
02
4
6
8
10
12
14
V , ZENER VOLTAGE (V)
Fig. 1, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 2
Test Current I
100mA
Z
ZPY1
ZPY3,9
ZPY4,7
ZPY5,6
ZPY6,8
ZPY10
ZPY12
ZPY8,2
0
1
2
0
100
200
T , AMBIENT TEMPERATURE (°C)
Fig. 4, Power Derating Curve
A
See Note 1
0
10
20
0
50
100
V , ZENER VOLTAGE (V)
Fig. 3, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 2
Test Current I
10mA
Z
ZPY56
ZPY68
ZPY82
5mA
ZPY100
0
10
20
30
40
50
60
010
20
30
40
50
V , ZENER VOLTAGE (V)
Fig. 2, Zener Breakdown Characteristics
Z
T = 25°C
j
See Note 2
Test Current I
25mA
Z
10mA
ZPY15
ZPY18
ZPY22
ZPY27
ZPY33
ZPY39
ZPY47
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
2. Tested with pulses tp = 20ma.
3. The ZPY1 is a silicon diode operated in forward direction. Hence, the index of all parameters and maximum ratings should
be “F” instead of “Z.” Connect the cathode terminal to the negative pole.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com