Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12BH311P-R-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH311P-R-GR
Description  1 AA Battery Holder with PCB Pins and Ribbon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH311P-R-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH311P-R-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Material:
Pin:
Spring:
56.80 ±1 (2.24 ±.04)
13.50 ±.50
(.53 ±.02)
13.90 ±.50
(.547 ±.02)
13.90 ±.50
(.547 ±.02)
16.90 ±.50
(.67 ±.02)
2 (.079)
16.90 ±.50
(.665 ±.02)
51.80 ±1 (2.04 ±.04)
13.50 ±.50
(.531 ±.02)
13 ±.50
(.512 ±.02)
8 ±.50
(.315 ±.02)
Pin
24 (.945)
.80 (.031)
ø2.80 (ø.394)
ø4.40 (ø.173)
70 ±5
(2.76 ±.02)
10 ±.20
1 “AA” Battery Holder with
PCB Pins and Ribbon
12BH311P-R-GR
EPD-200594
Date Last Revised: 3-17-08
SPECIFICATIONS
PP Resin, Black Color
ø0.8x24mm
0.6mm 65C Spring Wire
RoHS Compliant
Dimensions: mm (in.)


Similar Part No. - 12BH311P-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH311-GR ETC2-12BH311-GR Datasheet
70Kb / 1P
1 AA Battery Holder with Solder Lugs
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
1 AA Battery Holder with Leads
12BH311A-R-GR ETC2-12BH311A-R-GR Datasheet
230Kb / 1P
1 AA Battery Holder with Leads and Ribbon
More results

Similar Description - 12BH311P-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
1 AA Battery Holder with Leads
12BH311A-R-GR ETC2-12BH311A-R-GR Datasheet
230Kb / 1P
1 AA Battery Holder with Leads and Ribbon
12BH321P-GR ETC2-12BH321P-GR Datasheet
84Kb / 2P
2 AA Battery Holder with PCB Pins and Ribbon
12BH331P-GR ETC2-12BH331P-GR Datasheet
161Kb / 1P
3 AA Battery Holder with PCB Pins
12BH331-R-GR ETC2-12BH331-R-GR Datasheet
90Kb / 1P
3 AA Battery Holder with Leads and Ribbon
12BH347-R-GR ETC2-12BH347-R-GR Datasheet
54Kb / 1P
4 AA Battery Holder with Snaps and Ribbon
12BH348-R-GR ETC2-12BH348-R-GR Datasheet
96Kb / 1P
4 AA Battery Holder w Leads and Ribbon
12BH411P-R-GR ETC2-12BH411P-R-GR Datasheet
134Kb / 1P
1 AAA Battery Holder with PCB Pins and Ribbon
12BH412-GR ETC2-12BH412-GR Datasheet
84Kb / 1P
1 AAA Battery Holder with PCB Pins
12BH511P-GR ETC2-12BH511P-GR Datasheet
88Kb / 1P
1 N Battery Holder with PCB Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com