Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPD10 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZPD10
Description  SILICON PLANAR ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZPD10 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZPD10 Datasheet HTML 1Page - Diodes Incorporated ZPD10 Datasheet HTML 2Page - Diodes Incorporated ZPD10 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
D
S21402 Rev. E-3
2 of 3
ZPD1-ZPD51
Type
Number
Zener
Voltage
Range (Note 1)
Maximum Zener Impedance
Typical
Temperature
Cooefficient
Min. Reverse
Voltage
@ IR = 0.1µA
Max. Zener Current (Note 2)
@ TA = 25°C
|
@ TA = 45°C
@IZT = 5mA
ZZT @IZT =
5mA
ZZK @IZK =
1.0mA
TC
VR
IZM
IZM
Volts
Ohms
Ohms
%VZ/°C
Volts
mA
mA
ZPD1(Note 3)
0.7-0.8
8
50
-0.255
—
340
280
ZPD2.7
2.5-2.9
83
500
-0.065
—
160
135
ZPD3.0
2.8-3.2
95
500
-0.060
—
140
117
ZPD3.3
3.1-3.5
95
500
-0.055
—
130
109
ZPD3.6
3.4-3.8
95
500
-0.055
—
120
101
ZPD3.9
3.7-4.1
95
500
-0.050
—
110
92
ZPD4.3
4.0-4.6
95
500
-0.035
—
100
85
ZPD4.7
4.4-5.0
78
500
-0.015
—
90
76
ZPD5.1
4.8-5.4
60
480
+0.005
0.8
80
67
ZPD5.6
5.2-6.0
40
400
+0.020
1.0
70
59
ZPD6.2
5.8-6.6
10
200
+0.030
2.0
64
54
ZPD6.8
6.4-7.2
8
150
+0.045
3.0
58
49
ZPD7.5
7.0-7.9
7
50
+0.050
5.0
53
44
ZPD8.2
7.7-8.7
7
50
+0.055
6.0
47
40
ZPD9.1
8.5-9.6
10
50
+0.065
7.0
43
36
ZPD10
9.4-10.6
15
70
+0.065
7.5
40
33
ZPD11
10.4-11.6
20
70
+0.070
8.5
36
30
ZPD12
11.4-12.7
20
90
+0.075
9.0
32
28
ZPD13
12.4-14.1
25
110
+0.080
10
29
25
ZPD15(Note 4)
13.8-15.6
30
110
+0.080
11
27
23
ZPD16
15.3-17.1
40
170
+0.090
12
24
20
ZPD18
16.8-19.1
50
170
+0.090
14
21
18
ZPD20
18.8-21.2
50
220
+0.090
15
20
17
ZPD22
20.8-23.3
55
220
+0.090
17
18
16
ZPD24
22.8-25.6
80
220
+0.090
18
16
13
ZPD27
25.1-28.9
80
250
+0.090
20
14
12
ZPD30
28-32
80
250
+0.090
22.5
13
10
ZPD33
31-35
80
250
+0.090
25
12
9
ZPD36
34-38
90
250
+0.090
27
11
9
ZPD39
37-41
90
300
+0.110
29
10
8
ZPD43
40-46
100
700
+0.110
32
9.2
7
ZPD47
44-50
100
750
+0.110
35
8.5
6
ZPD51
48-54
100
750
+0.110
38
7.8
6
Notes:
1. Tested with pulses tp = 20 ms.
2. Valid provided that leads at a distance of 8mm from body are kept at ambient temperature.
3. The ZPD1 is a silicon diode with operation in forward direction. Hence, the index of all parameters should
be “F” instead of “Z”. Connect the cathode electrode to the negative pole.
4. 15 volts
± 2% available upon special request as part number ZPD15C.
Electrical Characteristics (continued)
@ TA = 25°C unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com