Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12BH331-R-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH331-R-GR
Description  3 AA Battery Holder with Leads and Ribbon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH331-R-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH331-R-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Holds:
Leads:
Body:
Spring:
Color:
Black
Red
17 ± .50
(.669 ± .02)
+
-
+
-
+
-
30 ± .50
(1.18 ± .02)
48.20 ± .50
(1.90 ± .02)
58 ± 1
(2.28 ± .039)
ø3
(.118)
8 ± .50
.315 ± .02
2
(.079)
3 “AA” Battery Holder
with Leads and Ribbon
EPD-200573
Date Last Revised: 06-06-07
SPECIFICATIONS
3 “AA” Cells
AWG#26
Black & Red 150mm ±5mm
Strip & Tin 4mm ±1mm
PP Resin
0.7mm 65C Spring Wire
Black
Dimensions: mm (in.)
12BH331-R-GR
RoHS Compliant


Similar Part No. - 12BH331-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH331-GR ETC2-12BH331-GR Datasheet
148Kb / 1P
Battery Holder
More results

Similar Description - 12BH331-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH222-GR ETC2-12BH222-GR Datasheet
83Kb / 1P
2 AA Battery Holder with Leads
12BH310A-GR ETC2-12BH310A-GR Datasheet
91Kb / 1P
10 AA Battery Holder with Leads
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
1 AA Battery Holder with Leads
12BH311A-R-GR ETC2-12BH311A-R-GR Datasheet
230Kb / 1P
1 AA Battery Holder with Leads and Ribbon
12BH324A-GR ETC2-12BH324A-GR Datasheet
86Kb / 2P
2 AA Battery Holder with Leads
12BH341P-R-GR ETC2-12BH341P-R-GR Datasheet
87Kb / 1P
Battery Holder 4 AA PC Leads w/ Ribbon
12BH343-GR ETC2-12BH343-GR Datasheet
77Kb / 1P
4 AA Battery Holder with Leads
12BH348-GR ETC2-12BH348-GR Datasheet
111Kb / 1P
4 AA Battery Holder with Leads
12BH348-R-GR ETC2-12BH348-R-GR Datasheet
96Kb / 1P
4 AA Battery Holder w Leads and Ribbon
12BH383-GR ETC2-12BH383-GR Datasheet
84Kb / 1P
8 AA Battery Holder with Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com