Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12BH341P-R-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH341P-R-GR
Description  Battery Holder 4 AA PC Leads w/ Ribbon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH341P-R-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH341P-R-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
ø0.8x24mm
P.P. Resin, Black
0.7mm 65C Spring Wire
Pin:
Material:
Spring:
RoHS Compliant
Dimensions: mm (in.)
Battery Holder 4 “AA”
PC Leads w/ Ribbon
12BH341P-R-GR
EPD-200472
(2.28±.04)
58 ±1
(2.48±.04)
63.1 ±1
(.631.04)
16±1
(464±.02)
11.8±0.5
(ø.11±.008)
ø2.8±.20
(.07±.008)
1.8±.20
21.8±0.5
(.39±.008)
10±.20
(2.20±.02)
55.8±.50
Red Ribbon
Pin
PCB Layout
(1.50±.02)
38±.50
12.8±.2
(.35±.008)
8.9±0.2
(1.50±.02)
38±.50
(.205±.012)
5.2±0.3
(.988±.02)
25.1±.50
2x(ø4±.008)
2xø1±.20
(ø.11)
4xø2.8
(.504±.008)
12.8±.20
(.945±.012)
24±.30
(.031)
.80
(.319±.02)
8.10±.50
(5.51±.20)
140±5
Date Last Revised: 02-23-07
SPECIFICATIONS
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 12BH341P-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH341-GR ETC2-12BH341-GR Datasheet
47Kb / 1P
4 AA Battery Holder with Snaps
More results

Similar Description - 12BH341P-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH311A-GR ETC2-12BH311A-GR Datasheet
80Kb / 1P
1 AA Battery Holder with Leads
12BH311A-R-GR ETC2-12BH311A-R-GR Datasheet
230Kb / 1P
1 AA Battery Holder with Leads and Ribbon
12BH331-R-GR ETC2-12BH331-R-GR Datasheet
90Kb / 1P
3 AA Battery Holder with Leads and Ribbon
12BH343-GR ETC2-12BH343-GR Datasheet
77Kb / 1P
4 AA Battery Holder with Leads
12BH347-R-GR ETC2-12BH347-R-GR Datasheet
54Kb / 1P
4 AA Battery Holder with Snaps and Ribbon
12BH348C-GR ETC2-12BH348C-GR Datasheet
204Kb / 1P
4 AA Battery Holder with 6 Wire Leads
12BH348-GR ETC2-12BH348-GR Datasheet
111Kb / 1P
4 AA Battery Holder with Leads
12BH348-R-GR ETC2-12BH348-R-GR Datasheet
96Kb / 1P
4 AA Battery Holder w Leads and Ribbon
12BH350-GR ETC2-12BH350-GR Datasheet
190Kb / 1P
4 AA Battery Holder with 6 Wire Leads
12BH383-GR ETC2-12BH383-GR Datasheet
84Kb / 1P
8 AA Battery Holder with Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com