Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12BH348-R-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH348-R-GR
Description  4 AA Battery Holder w Leads and Ribbon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH348-R-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH348-R-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Holds:
Leads:
Body:
Spring:
Color:
15.8 ±0.5
(.630 ±.039)
+
+
+
-
-
-
-
+
58 ±0.5
(2.28 ±.62)
63.5 ±0.5
(2.5 ±.02)
150 ±5
(5.91 ±.197)
5 ±1
(.197 ±.039)
2 ±0.1
(.079 ±.004)
7.2 ±0.2
(.283 ±.008)
140 ±5
(5.512 ±.197)
Red Ribbon
Red
Black
37.8 ±0.5
(1.48±.02)
55.5 ±0.5
(2.185 ±.02)
4 “AA” Battery Holder
w/ Leads and Ribbon
12BH348-R-GR
Date Last Revised: 6-6-07
SPECIFICATIONS
4 “AA” Cells
AWG#26, Black & Red: 150mm ±5mm
Strip & Tin: 5mm ±1mm
PP Resin
0.7mm 65C Spring Wire
Black
RoHS Compliant
Dimensions: mm (in.)
EPD-200570


Similar Part No. - 12BH348-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH348-GR ETC2-12BH348-GR Datasheet
111Kb / 1P
4 AA Battery Holder with Leads
More results

Similar Description - 12BH348-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH311A-R-GR ETC2-12BH311A-R-GR Datasheet
230Kb / 1P
1 AA Battery Holder with Leads and Ribbon
12BH331-R-GR ETC2-12BH331-R-GR Datasheet
90Kb / 1P
3 AA Battery Holder with Leads and Ribbon
12BH341P-R-GR ETC2-12BH341P-R-GR Datasheet
87Kb / 1P
Battery Holder 4 AA PC Leads w/ Ribbon
12BH343-GR ETC2-12BH343-GR Datasheet
77Kb / 1P
4 AA Battery Holder with Leads
12BH347-R-GR ETC2-12BH347-R-GR Datasheet
54Kb / 1P
4 AA Battery Holder with Snaps and Ribbon
12BH348 ETC2-12BH348 Datasheet
85Kb / 1P
4 AA Battery Holder with Leads, Cover, and Switch
12BH348C-GR ETC2-12BH348C-GR Datasheet
204Kb / 1P
4 AA Battery Holder with 6 Wire Leads
12BH348-GR ETC2-12BH348-GR Datasheet
111Kb / 1P
4 AA Battery Holder with Leads
12BH350-GR ETC2-12BH350-GR Datasheet
190Kb / 1P
4 AA Battery Holder with 6 Wire Leads
12BH383-GR ETC2-12BH383-GR Datasheet
84Kb / 1P
8 AA Battery Holder with Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com