Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY100 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZPY100
Description  SILICON PLANAR POWER ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZPY100 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZPY100 Datasheet HTML 1Page - Diodes Incorporated ZPY100 Datasheet HTML 2Page - Diodes Incorporated ZPY100 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
D
S21404 Rev. D-3
1 of 3
ZPY1-ZPY100
ZPY1 - ZPY100
SILICON PLANAR POWER ZENER DIODE
Features
·
Case: Glass, DO-41
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.35 grams (approx.)
Mechanical Data
Maximum Ratings 25°C unless otherwise specified
Note:
1. Valid provided that leads are kept at ambient temperature at a distance of 10mm from case.
Characteristic
Symbol
Value
Unit
Zener Current (see Table on Page 2)
———
Power Dissipation (Note 1)
Pd
1.3
W
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
135
K/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +200
°C
·
1.3 W Power Dissipation
·
Reliable Glass Package
·
Planar Die Construction
·
0.7V - 100V Nominal Zener Voltages
Plus ZPY1 Stabistor
DO-41
Dim
Min
Max
A
25.4
—
B
4.1
5.2
C
0.71
0.86
D
2.0
2.7
All Dimensions in mm
A
A
B
C
D


Similar Part No. - ZPY100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZPY100 GE-ZPY100 Datasheet
217Kb / 5P
ZENER DIODES
logo
Vishay Siliconix
ZPY100 VISHAY-ZPY100 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY100 DIOTEC-ZPY100 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY100 EIC-ZPY100 Datasheet
35Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZPY100 DIOTEC-ZPY100 Datasheet
90Kb / 2P
Silicon Power Z-Diodes
More results

Similar Description - ZPY100

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
SILICON PLANAR ZENER DIODE
2.0HS SEMTECH-2.0HS Datasheet
280Kb / 4P
SILICON PLANAR ZENER DIODE
logo
Diodes Incorporated
ZPD1 DIODES-ZPD1 Datasheet
63Kb / 3P
SILICON PLANAR ZENER DIODE
DS21402 Rev. E-3
logo
Rectron Semiconductor
BZM55C-BS RECTRON-BZM55C-BS Datasheet
155Kb / 5P
SILICON PLANAR ZENER DIODE
BZV55C-BS RECTRON-BZV55C-BS Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C2V0 RECTRON-BZX55C2V0 Datasheet
196Kb / 5P
SILICON PLANAR ZENER DIODE
BZX55C-BS RECTRON-BZX55C-BS Datasheet
278Kb / 5P
SILICON PLANAR ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
ZENER DIODE SILICON PLANAR DIODE
logo
Rectron Semiconductor
1N4448 RECTRON-1N4448_12 Datasheet
222Kb / 5P
SILICON PLANAR ZENER DIODE
1N4728A RECTRON-1N4728A_12 Datasheet
178Kb / 5P
SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com