Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFF Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PFF
Description  Filtres de remplacement
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PFF Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PFF Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No.
Dimensions
Use with Filter Fan
Filter
Density
A
B
(g/m2)
PFF1000 3.4
3.4
PF1000
150
PFF2000 4.5
4.5
PF2000
350
PFF3000 8.3
8.3
PF2500/PF3000
350
PFF5000
11
11
PF5000/PF6000/PF7000
350
Filtres de remplacement
Emballées par lots de 5.
Les données sont sujettes à changement sans préavis.
© 2014. Hammond Manufacturing Ltd. Tous droits réservés.


Similar Part No. - PFF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
PFF0 SEMTECH-PFF0 Datasheet
107Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
logo
Hammond Manufacturing L...
PFF1000 HAMMOND-PFF1000 Datasheet
82Kb / 2P
Grilles pour ventilateurs a filtre
PFF10000 HAMMOND-PFF10000 Datasheet
41Kb / 1P
Filtres de remplacement
logo
VBsemi Electronics Co.,...
PFF12N65 VBSEMI-PFF12N65 Datasheet
1Mb / 8P
N-Channel 650 V (D-S) MOSFET
logo
Semtech Corporation
PFF2 SEMTECH-PFF2 Datasheet
148Kb / 4P
Axial Leaded Hermetically Sealed Superfast Recovery Rectifier Diode
More results

Similar Description - PFF

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
DSTOPK HAMMOND-DSTOPK Datasheet
44Kb / 1P
TROUSSE DE BUTEES DE PORTE
EPIN HAMMOND-EPIN Datasheet
52Kb / 1P
Broches de charniere de remplacement Eclipse
PBRS HAMMOND-PBRS Datasheet
70Kb / 1P
Vis de remplacement PB
PFA HAMMOND-PFA Datasheet
54Kb / 1P
Filtres dextraction
PFAG4 HAMMOND-PFAG4 Datasheet
44Kb / 1P
Filtres dextraction
PFFG4 HAMMOND-PFFG4 Datasheet
41Kb / 1P
Filtres de remplacement
PFG HAMMOND-PFG Datasheet
53Kb / 1P
Grille de remplacement
RR19TM HAMMOND-RR19TM Datasheet
64Kb / 2P
Gestionnaire de cables de toit
logo
Tripp Lite. All Rights ...
VR1208R TRIPPLITE-VR1208R Datasheet
153Kb / 2P
Regulador de Voltaje de 1200VA - Regulaci처n autom찼tica de voltaje con supresi처n de sobretensiones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com