Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LET9045C Datasheet(PDF) 5 Page - STMicroelectronics

Part # LET9045C
Description  RF power transistor from the LdmoST family of n-channel enhancement-mode lateral MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LET9045C Datasheet(HTML) 5 Page - STMicroelectronics

  LET9045C Datasheet HTML 1Page - STMicroelectronics LET9045C Datasheet HTML 2Page - STMicroelectronics LET9045C Datasheet HTML 3Page - STMicroelectronics LET9045C Datasheet HTML 4Page - STMicroelectronics LET9045C Datasheet HTML 5Page - STMicroelectronics LET9045C Datasheet HTML 6Page - STMicroelectronics LET9045C Datasheet HTML 7Page - STMicroelectronics LET9045C Datasheet HTML 8Page - STMicroelectronics LET9045C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LET9045C
Typical performances
Doc ID 15443 Rev 4
5/10
4
Typical performances
Figure 3.
Gain vs output power and bias
current, freq = 960 MHz, Vdd = 28 V
Figure 4.
Gain and efficiency vs output
power, freq = 960 MHz,
Vdd = 28 V, Idq = 300 mA
Table 7.
Output power vs supply voltage
freq = 960 MHz, Vdd = 28 V,
Idq = 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com