Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2512-R05FW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LR2512-R05FW
Description  Low Value Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LR2512-R05FW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LR2512-R05FW Datasheet HTML 1Page - List of Unclassifed Manufacturers LR2512-R05FW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Value Flat
Chip Resistor
LRC/LRF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
Low Value Flat
Chip Resistor
LRC/LRF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Welwyn Components
Recommended Solder Pad Dimensions (mm)
A
B
C
LR1206
2.0
4.0
1.25
LR2010
3.05
6.5
1.5
LR2512
3.7
7.75
1.5
Note:
1. Although 2010 and 2512 sizes have passed temperature cycling and thermal shock, it is in general not recommended that ceramic
chips this large be used on FR4 in a severe temperature cycle environment due to the possibility of solder joint fatigue.
2. Full AEC-Q200 qualification applies to ohmic values
R01.
A
C
B
i o` J i oc | bKè ñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=O
LRC 2512 1 w
att
LRC 2512 2 w
att
LRC 2010 0.5
watt
LRC 2010 1 w
att
LRC 1206
0.25 watt
LRC 1206
0.5 watt
25
70
150 (°C)
0
20
40
60
80
100
(%)
Ambient temperature
Ordering Procedure
Example: LRF2512 at 10 milliohms (hence flip-chip mounted) and 2% tolerance on a reel of 1800 pieces
L R F 2 5 1 2 – R 0 1 G W
Type
Mounting
Conventional (element up)
Values > R025
F
Flip-chip (element down)
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G
2%
J
5%
Packing
W
Tape
1206 or 2010
3000/reel
Standard
2512
1800/reel
T1
All sizes
1000/reel
Values < R025
AEC-Q200 Table 7
Method
Max.
(add R05)
Typ.
(@1R0)
ref
Test
3
High Temp. Exposure MIL-STD-202 Method 108
R% 0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R% 0.25 0.1
6
Moisture Resistance MIL-STD-202 Method 106
R% 0.5
0.2
7
Biased Humidity MIL-STD-202 Method 103
R% 0.5
0.2
8 Operational Life (Cyclic Load) MIL-STD-202 Method 108
R%
1
0.5
14
Vibration MIL-STD-202 Method 204
R% 0.5 0.05
15 Resistance to Soldering Heat MIL-STD-202 Method 210
R% 0.25 0.05
16
Thermal Shock MIL-STD-202 Method 107
R% 0.25 0.1
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R% 0.5
0.2
22
Terminal Strength
AEC-Q200-006
R% 0.25 0.1
Short Term Overload
6.25 x Pr for 2s
R% 0.5
Low Temperature Storage
-65°C for 100 hours
R% 0.5
Leach Resistance
Solder dip at 250°C
90s minimum
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: LRF1206-R02FW (1206, 20 milliohms ±1%, Pb-free)
L
R
F
1
2
0
6
-
R
0
2
F W
1
2
3
4
5
USA (IRC) Part Number: LRC-LRF1206LF-01-R020-F (1206, 20 milliohms ±1%, Pb-free)
L
R C
-
L
R
F
1
2
0
6
L
F
-
0
1
-
R
0
2
0
-
F
1
2
3
4
5
6
7
Electrical Data
LR1206
LR2010
LR2512
Power rating @70°C
watts
0.5
1
2
Resistance range1
ohms
R003 to 1R0
Resistance tolerance1
%
<R01: 5, ≥R01: 1, 2, 5
TCR
ppm/°C
≥R05: ±100, R025–R047: <+200, R015-R024: <+300,
R01-R014: <+500, <R01: <+900
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Temperature rise at rated power
°C
40
80
90
Pad / trace area3
mm2
30
100
300
Note 1: Contact factory for value – tolerance combinations outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also
available. Note 3: Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB
1
2
3
4
5
Type
Size
Value
Tolerance
Termination & Packing
LR = Conventional orientation
(values >R025)
1206 E24 = 3/4
characters
R = ohms
F = ±1%
W
Pb-free, standard packing
2010
G = ±2%
T1 Pb-free, 1000/reel (non-standard)
LRF = Flip-chip orientation
(values ≤R025)
2512
J = ±5%
PB
SnPb finish, standard packing
Standard packing is tape & reel
1206 & 2010
3000/reel
2512
1800/reel
1
2
3
4
5
6
7
Family
Model
Size Termination
TCR
Value
Tolerance
Packing
LRC LR = Conventional orientation
(values >R025)
1206 Omit for SnPb 01 = standard
(±100ppm/°C
values ≥R05)
4 characters
R = ohms
F = ±1%
Standard packing is
tape & reel
2010 LF = Pb-free
G = ±2%
LRF = Flip-chip orientation
(values ≤R025)
2512
J = ±5% 1206 & 2010 3000/reel
2512
1800/reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com