Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF054 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DF054
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DF054 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DF054 Datasheet HTML 1Page - Dynex Semiconductor DF054 Datasheet HTML 2Page - Dynex Semiconductor DF054 Datasheet HTML 3Page - Dynex Semiconductor DF054 Datasheet HTML 4Page - Dynex Semiconductor DF054 Datasheet HTML 5Page - Dynex Semiconductor DF054 Datasheet HTML 6Page - Dynex Semiconductor DF054 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DF054
5/7
Fig.4 Typical reverse recovery current vs rate of rise of reverse current
1
10
100
1000
Rate of rise of reverse current dI
R/dt - (A/µs)
100
10
1000
Conditions:
T
j = 150˚C,
V
R = 100V
A: I
F = 2000A
B: I
F = 1000A
C: I
F = 500A
D: I
F = 200A
E: I
F = 100A
A
B
D
E
C
Fig.5 Maximum (limit) transient thermal impedance - junction to case - (˚C/W)
10
1
0.1
0.01
0.001
Time - (s)
0.1
0.01
0.001
d.c. Double side cooled



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com