Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12BH411P-R-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 12BH411P-R-GR
Description  1 AAA Battery Holder with PCB Pins and Ribbon
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12BH411P-R-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  12BH411P-R-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
Material:
w/ Pin:
Spring:
12.5±.50
(.49±.02)
15±.50
(.59±.02)
ø4.1
(ø.16)
ø2.5
(ø.098)
24
(.945)
ø.80
(ø.031)
PIN
13±.50
(.512±.02)
80±5
(3.15±.02)
Red Ribbon
10±.50
(.393±.02)
50±.50
(1.97±.02)
7.4±.50
(.29±.02)
2x1.6±.20
(.063±.008)
11±.50
(.43±.02)
46.5±.50
(1.83±.02)
1.75±.30
(.069±.012)
12.5±.50
(.49±.02)
15±.50
(.59±.02)
46.5±.50
(1.83±.02)
PCB Mounting Layout
2xø1.2
(ø.047)
1 “AAA” Battery Holder
with PCB Pins and Ribbon
12BH411P-R-GR
EPD-200599
Date Last Revised: 9-16-13
SPECIFICATIONS
PP Resin, Black Color
ø0.8 x 24mm
0.6mm Spring Wire
Dimensions: mm (in.)
RoHS Compliant


Similar Part No. - 12BH411P-R-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
12BH410-GR ETC2-12BH410-GR Datasheet
195Kb / 1P
1 AAA Battery Holder with 6 Wire Leads
12BH412-GR ETC2-12BH412-GR Datasheet
84Kb / 1P
1 AAA Battery Holder with PCB Pins
More results

Similar Description - 12BH411P-R-GR

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
PDSN-41-1A POWERDYNAMICS-PDSN-41-1A Datasheet
45Kb / 1P
1 CELL TYPE AAA BATTERY HOLDER
logo
List of Unclassifed Man...
12BH082-GR ETC2-12BH082-GR Datasheet
83Kb / 1P
AAA Battery Clip with PCB Pins
12BH311A-R-GR ETC2-12BH311A-R-GR Datasheet
230Kb / 1P
1 AA Battery Holder with Leads and Ribbon
12BH311P-R-GR ETC2-12BH311P-R-GR Datasheet
72Kb / 1P
1 AA Battery Holder with PCB Pins and Ribbon
12BH321P-GR ETC2-12BH321P-GR Datasheet
84Kb / 2P
2 AA Battery Holder with PCB Pins and Ribbon
12BH410-GR ETC2-12BH410-GR Datasheet
195Kb / 1P
1 AAA Battery Holder with 6 Wire Leads
12BH412-GR ETC2-12BH412-GR Datasheet
84Kb / 1P
1 AAA Battery Holder with PCB Pins
12BH431-GR ETC2-12BH431-GR Datasheet
83Kb / 1P
3 AAA Battery Holder with Leads
12BH441P-GR ETC2-12BH441P-GR Datasheet
236Kb / 1P
Battery Holder 4 AAA
12BH511P-GR ETC2-12BH511P-GR Datasheet
88Kb / 1P
1 N Battery Holder with PCB Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com