Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP45N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP45N65M5
Description  N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP45N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP45N65M5 Datasheet HTML 1Page - STMicroelectronics STP45N65M5 Datasheet HTML 2Page - STMicroelectronics STP45N65M5 Datasheet HTML 3Page - STMicroelectronics STP45N65M5 Datasheet HTML 4Page - STMicroelectronics STP45N65M5 Datasheet HTML 5Page - STMicroelectronics STP45N65M5 Datasheet HTML 6Page - STMicroelectronics STP45N65M5 Datasheet HTML 7Page - STMicroelectronics STP45N65M5 Datasheet HTML 8Page - STMicroelectronics STP45N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
March 2013
DocID022854 Rev 4
1/20
20
STB45N65M5, STF45N65M5, STP45N65M5
N-channel 650 V, 0.067
Ω typ., 35 A MDmesh™ V Power MOSFET
in D2PAK, TO-220FP and TO-220 packages
Datasheet
−production data
Figure 1. Internal schematic diagram
Features
• Worldwide best RDS(on) * area
• Higher VDSS rating and high dv/dt capability
• Excellent switching performance
• 100% avalanche tested
Applications
• Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
D2PAK
TO-220
TO-220FP
1
3
2
TAB
1
2
3
1
2
3
TAB
Order codes
VDSS @ TJmax RDS(on) max
ID
STB45N65M5
710 V
0.078
Ω
35 A
STF45N65M5
STP45N65M5
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB45N65M5
45N65M5
D2PAK
Tape and reel
STF45N65M5
TO-220FP
Tube
STP45N65M5
TO-220
www.st.com


Similar Part No. - STP45N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP45N65M5 STMICROELECTRONICS-STP45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
logo
Inchange Semiconductor ...
STP45N65M5 ISC-STP45N65M5 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP45N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF31N65M5 STMICROELECTRONICS-STF31N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
05-Mar-2013
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
19-Jul-2012
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 Ω typ., 9 A MDmesh™ V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
03-Dec-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com