Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF65430 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DF65430
Description  Fast Recovery Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DF65430 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DF65430 Datasheet HTML 1Page - Dynex Semiconductor DF65430 Datasheet HTML 2Page - Dynex Semiconductor DF65430 Datasheet HTML 3Page - Dynex Semiconductor DF65430 Datasheet HTML 4Page - Dynex Semiconductor DF65430 Datasheet HTML 5Page - Dynex Semiconductor DF65430 Datasheet HTML 6Page - Dynex Semiconductor DF65430 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DF654
1/7
APPLICATIONS
s Induction Heating
s A.C. Motor Drives
s Inverters And Choppers
s Welding
s High Frequency Rectification
s UPS
FEATURES
s Double Side Cooling
s High Surge Capability
s Low Recovery Charge
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
3500V
I
F(AV)
675A
I
FSM
6000A
Q
r
900
µC
t
rr
6.5
µs
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
675
A
T
case = 65
oC
1060
A
T
case = 65
oC
960
A
Half wave resistive load, T
case = 65
oC
440
A
T
case = 65
oC
690
A
T
case = 65
oC
600
A
3500
3400
3200
3000
DF654 35
DF654 34
DF654 32
DF654 30
Conditions
V
RSM
= V
RRM
+ 100V
Lower voltage grades available.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: M779b.
See Package Details for further information.
DF654
Fast Recovery Diode
Replaces March 1998 version, DS4214-3.5
DS4214-4.0 January 2000


Similar Part No. - DF65430

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF65 HIROSE-DF65 Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF65-2428SCF HIROSE-DF65-2428SCF Datasheet
559Kb / 8P
Small-Sized, Low Profile Wire-to-Board Connector for Power Supply
DF65-2428SCF HIROSE-DF65-2428SCF Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF65-2428SCFA HIROSE-DF65-2428SCFA Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
DF65-3P-1.7V HIROSE-DF65-3P-1.7V Datasheet
1Mb / 6P
1.7mm pitch, Low Profile Wire-to-Board Connectors for Power Supplies
More results

Similar Description - DF65430

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
logo
ABB
5SDF02D6004 ABB-5SDF02D6004 Datasheet
92Kb / 5P
Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com