Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFS454 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # DFS454
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DFS454 Datasheet(HTML) 1 Page - Dynex Semiconductor

  DFS454 Datasheet HTML 1Page - Dynex Semiconductor DFS454 Datasheet HTML 2Page - Dynex Semiconductor DFS454 Datasheet HTML 3Page - Dynex Semiconductor DFS454 Datasheet HTML 4Page - Dynex Semiconductor DFS454 Datasheet HTML 5Page - Dynex Semiconductor DFS454 Datasheet HTML 6Page - Dynex Semiconductor DFS454 Datasheet HTML 7Page - Dynex Semiconductor DFS454 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DFS454
1/8
APPLICATIONS
s Induction Heating
s A.C. Motor Drives
s Inverters And Choppers
s Welding
s High Frequency Rectification
s UPS
FEATURES
s Double Side Cooling
s High Surge Capability
s Low Recovery Charge
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
2500V
I
F(AV)
365A
I
FSM
3500A
Q
r
200
µC
t
rr
2.0
µs
CURRENT RATINGS
Symbol
Parameter
Conditions
Double Side Cooled
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Single Side Cooled (Anode side)
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Units
Max.
Half wave resistive load, T
case = 65
oC
365
A
T
case = 65
oC
575
A
T
case = 65
oC
525
A
Half wave resistive load, T
case = 65
oC
242
A
T
case = 65
oC
380
A
T
case = 65
oC
335
A
2500
2400
2200
2000
DFS454 25
DFS454 24
DFS454 22
DFS454 20
Conditions
V
RSM
= V
RRM
+ 100V
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: M771.
See Package Detials for further information.
DFS454
Fast Recovery Diode
Advance Information
Replaces March 1998 version, DS4145-3.4
DS4145-4.0 January 2000


Similar Part No. - DFS454

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DFS FORMOSA-DFS Datasheet
52Kb / 1P
Case No. DFS Device
logo
Vishay Siliconix
DFS VISHAY-DFS Datasheet
94Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers
30-Jan-08
logo
YENYO TECHNOLOGY Co., L...
DFS YENYO-DFS Datasheet
449Kb / 1P
Dimensions in inches and
logo
SYNERGY MICROWAVE CORPO...
DFS-1600 SYNERGY-DFS-1600 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
DFS-902 SYNERGY-DFS-902 Datasheet
46Kb / 1P
POWER DIVIDERS 0쨘 : 6-WAY
More results

Similar Description - DFS454

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com