Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF102M Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMF102M
Description  1 Amp Surface Mount Fast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMF102M Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMF102M Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMF102M Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMF102M Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
SMF101M~SMF107M
50V ~ 1000 V
1.0 Amp Surface Mount Fast Recovery Rectifier
09-Dec-2011 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Part Number
Parameters
Symbol
SMF
101M
SMF
102M
SMF
103M
SMF
104M
SMF
105M
SMF
106M
SMF
107M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Continuous reverse voltage
VR
50
100
200
400
600
800
1000
V
Maximum Instantaneous Forward Voltage
VF
1.3
V
Maximum average forward rectified
current @ TA=55°C
IO
1
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
30
A
TA=25°C
5
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
TA=125°C
IR
100
µA
Diode Junction Capacitance
1
CJ
15
pF
Maximum Reverse Recovery Time
2
Trr
150
250
500
nS
Thermal resistance Junction to ambient
R
θJA
42
°C / W
Operating & Storage Temperature
TJ, TSTG
-65~150, -65~175
°C
NOTE:
1.
Measured at 1.0MHz and applied reverse voltage of 4.0V D.C.
2.
Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com