Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMG2307PE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2307PE
Description  P-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2307PE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2307PE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2307PE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMG2307PE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMG2307PE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMG2307PE
-5.2 A, -20 V, RDS(ON) 31 mΩ
Ω
Ω
Ω
P-Channel Enhancement MOSFET
Elektronische Bauelemente
22-Oct-2012 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Static
Gate-Threshold Voltage
VGS(th)
-0.3
-0.55
-
V
VDS = VGS, ID = -250µA
Gate-Body Leakage
IGSS
-
-
±10
µA
VDS = 0V, VGS= ±10V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS = -16V, VGS= 0V
-
-
-10
VDS = -16V, VGS= 0V, TJ=55°C
On-State Drain Current
1
ID(ON)
-10
-
-
A
VDS = -5V, VGS= -4.5V
Drain-Source On-Resistance
1
RDS(ON)
-
-
31
m
VGS= -4.5V, ID = -4.2A
-
-
44
VGS= -2.5V, ID = -3.5A
-
-
56
VGS= -1.8V, ID = -3.1A
-
-
83
VGS= -1.5V, ID = -2.6A
Forward Transconductance
1
gFS
-
20
-
S
VDS= -10V,,ID = -4.2A
Diode Forward Voltage
VSD
-
-0.7
-
V
IS= -0.95A, VGS=0
Dynamic
2
Input Capacitance
Ciss
-
826
-
pF
VDS= -15V
VGS=0
f=1MHz
Output Capacitance
Coss
-
96
-
Reverse Transfer Capacitance
Crss
-
46
-
Total Gate Charge
Qg
-
18
-
nC
ID= -4.2A
VDS= -10V
VGS= -4.5V
Gate-Source Charge
Qgs
-
4.8
-
Gate-Drain Charge
Qgd
-
3.1
-
Turn-On Delay Time
Td(ON)
-
81
-
nS
ID= -4.2A,
RL=2.4
VDS= -10V
VGEN= -4.5V
RGEN= 6
Rise Time
Tr
-
163
-
Turn-Off Delay Time
Td(OFF)
-
785
-
Fall Time
Tf
-
397
-
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com