Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMG2345PE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMG2345PE
Description  P-Channel Enhancement MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMG2345PE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMG2345PE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMG2345PE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMG2345PE
-3.2A , -40V , RDS(ON) 164 mΩ
Ω
Ω
Ω
P-Channel Enhancement MOSFET
26-Aug-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
V
VDS=VGS, ID= -250µA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS=0, VGS= ±20V
-
-
-1
VDS= -32V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
-10
µA
VDS= -32V, VGS=0, TJ=55°C
On-State Drain Current
1
ID(ON)
-2
-
-
A
VDS= -5V, VGS= -4.5V
-
-
164
VGS= -10V, ID= -3.2A
Drain-Source On-Resistance
1
RDS(ON)
-
-
260
m
VGS= -4.5V, ID= -2.6A
Forward Transconductance
1
gFS
-
2
-
S
VDS= -5V,,ID= -3.6A
Diode Forward Voltage
VSD
-
-0.7
-
V
IS= -0.4A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
15
-
Gate-Source Charge
Qgs
-
2
-
Gate-Drain Charge
Qgd
-
2
-
nC
ID= -3.6A
VDS= -10V
VGS= -5V
Turn-On Delay Time
Td(ON)
-
10
-
Rise Time
Tr
-
2.8
-
Turn-Off Delay Time
Td(OFF)
-
53.6
-
Fall Time
Tf
-
46
-
nS
ID= -1A,
VDS= -15V,
VGEN= -10V,
RG=50
Notes:
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com