Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFD25 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # CSFD25
Description  Low Cost Frequency Doubler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

CSFD25 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  CSFD25 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. CSFD25 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. CSFD25 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Cost Frequency Doubler
Rev. V2
CSFD25
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• INPUT: 10 TO 2400 MHz
• OUTPUT: 20 TO 4800 MHz
• INPUT DRIVE LEVEL +10 dBm (NOMINAL)
• SURFACE MOUNT
Description
The CSFD25 is a passive bridge diode frequency doubler, de-
signed for use in the high volume wireless and test equipment
applications. The design utilizes Schottky bridge quad diodes and
broadband baluns to attain excellent performance. Due to the use
of high temperature solder and welded assembly processes used
internally makes it ideal for use in semi-automated and automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202 or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
CSFD25
Surface Mount
Electrical Specifications: Z0 = 50Ω Pin= +10 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fin = 10 to 2400 MHz
dB
11.5
13.0
13.5
Suppression
Fundamental (min)
fin = 10 to 1000 MHz
fin = 1000 to 2000 MHz
fin =2000 to 2400 MHz
dBc
dBc
dBc
35
25
20
25
20
16
23
18
14
Third Harmonic
Suppression (min)
fin = 10 to 500 MHz
fin = 500 to 1000 MHz
fin = 1000 to 2400 MHz
dBc
dBc
dBc
50
40
35
40
30
25
38
28
23
Input VSWR
fin = 10 to 2400 MHz
2.0:1
Product Image


Similar Part No. - CSFD25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSFD25 MACOM-CSFD25 Datasheet
188Kb / 3P
Low Cost Frequency Doubler
logo
M/A-COM Technology Solu...
CSFD25 MA-COM-CSFD25 Datasheet
86Kb / 3P
Low Cost Frequency Doubler
logo
Tyco Electronics
CSFD25H MACOM-CSFD25H Datasheet
186Kb / 3P
Low Cost Frequency Doubler
logo
M/A-COM Technology Solu...
CSFD25H MA-COM-CSFD25H Datasheet
84Kb / 3P
Low Cost Frequency Doubler
CSFD25H MA-COM-CSFD25H Datasheet
84Kb / 3P
Low Cost Frequency Doubler
More results

Similar Description - CSFD25

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CSFD25 MACOM-CSFD25 Datasheet
188Kb / 3P
Low Cost Frequency Doubler
CSFD25H MACOM-CSFD25H Datasheet
186Kb / 3P
Low Cost Frequency Doubler
CSFD26 MACOM-CSFD26 Datasheet
175Kb / 3P
Low Cost Frequency Doubler
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
M/A-COM Technology Solu...
CSFD25 MA-COM-CSFD25 Datasheet
86Kb / 3P
Low Cost Frequency Doubler
CSFD25H MA-COM-CSFD25H Datasheet
84Kb / 3P
Low Cost Frequency Doubler
CSFD26 MA-COM-CSFD26 Datasheet
76Kb / 3P
Low Cost Frequency Doubler
CSFD25H MA-COM-CSFD25H Datasheet
84Kb / 3P
Low Cost Frequency Doubler
CSFD26 MA-COM-CSFD26 Datasheet
76Kb / 3P
Low Cost Frequency Doubler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com