Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2002SF16 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # DS2002SF16
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2002SF16 Datasheet(HTML) 4 Page - Dynex Semiconductor

  DS2002SF16 Datasheet HTML 1Page - Dynex Semiconductor DS2002SF16 Datasheet HTML 2Page - Dynex Semiconductor DS2002SF16 Datasheet HTML 3Page - Dynex Semiconductor DS2002SF16 Datasheet HTML 4Page - Dynex Semiconductor DS2002SF16 Datasheet HTML 5Page - Dynex Semiconductor DS2002SF16 Datasheet HTML 6Page - Dynex Semiconductor DS2002SF16 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
www.dynexsemi.com
DS2002SF
CHARACTERISTICS
Forward voltage
Peak reverse current
Parameter
µC
1500
At T
vj = 175˚C
-
Q
S
Total stored charge
Symbol
V
FM
I
RRM
I
RR
Peak recovery current
V
TO
Threshold voltage
r
T
Slope resistance
0.088
m
Ω
At T
vj = 175˚C
-
0.74
V
-90
A
-
At V
RRM, Tcase = 175
oC-
50
mA
-
1.18
V
At 3400A peak, T
case = 25
oC
Conditions
Min.
Max.
Units
I
F = 2000A, dIRR/dt = 3A/µs
T
case = 175˚C, VR = 100V
CURVES
Fig.2 Maximum (limit) forward characteristics
Fig.3 Dissipation curves
V
FM
Equation:-
V
FM
= A + Bln (I
F
) + C.I
F
+D.
√I
F
Where
A = –0.64773
B = 0.268581
C = 0.00016
D = –0.01796
these values are valid for T
j
= 125˚C for I
F
500A to 8000A
0.5
1.0
1.5
2.0
Instantaneous forward voltage, VF - (V)
0
2000
4000
6000
8000
Measured under pulse conditions
Tj = 25˚C
Tj = 175˚C
0
1000
2000
3000
4000
Mean forward current, IF(AV) - (A)
0
1000
2000
3000
4000
5000
dc
5000
6000
Half wave
3 phase
6 phase



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com