Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2012SF57 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DS2012SF57
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2012SF57 Datasheet(HTML) 6 Page - Dynex Semiconductor

  DS2012SF57 Datasheet HTML 1Page - Dynex Semiconductor DS2012SF57 Datasheet HTML 2Page - Dynex Semiconductor DS2012SF57 Datasheet HTML 3Page - Dynex Semiconductor DS2012SF57 Datasheet HTML 4Page - Dynex Semiconductor DS2012SF57 Datasheet HTML 5Page - Dynex Semiconductor DS2012SF57 Datasheet HTML 6Page - Dynex Semiconductor DS2012SF57 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
www.dynexsemi.com
DS2012SF
PACKAGE DETAILS
For further package information, please contact your nearest Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Hole Ø3.6x2.0 deep (in both electrodes)
Ø48 nom
Cathode
Anode
Ø48 nom
Ø76 max
Nominal weight: 450g
Clamping force: 19.6kN ± 10%
Package outline type code: F
Note:
1. Package maybe supplied with pins and/or tags.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com