Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002KT
Description  Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002KT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7002KT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002KT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002KT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
2N7002KT
N-Channel Enhancement MOSFET
29-Apr-2013 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Off Characteristics
2
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS =0, ID = 10µA
Zero Gate Voltage Drain Current
IDSS
-
-
1
µA
VDS =60V, VGS =0
Gate-Source Leakage
IGSS
-
-
±10
µA
VGS= ±20V, VDS=0
On Characteristics
2
Gate Threshold Voltage
VGS(th)
1
1.5
2
V
VDS=VGS, ID=250µA
-
-
7.5
VGS=10V, ID =0.5A
Static Drain-Source On Resistance
RDS(ON)
-
-
7.5
VGS=5V, ID =0.05A
Forward transfer admittance
1
gfs
80
-
-
mS
VDS=10V, ID =0.2A
Dynamic Characteristics
Input Capacitance
Ciss
-
25
50
Output Capacitance
Coss
-
10
25
Reverse Transfer Capacitance
Crss
-
3
5
pF
VDS=25V,
VGS=0,
f=1MHz
Switching Characteristics
Turn-On Delay Time
1
Td(ON)
-
12
20
Turn-Off Delay Time
1
Td(OFF)
-
20
30
nS
VDD=30V,
VGS=10V,
ID=0.2A,
RG=10 ,
RL=150
Note:
1.
Pulse Test:pulse width ≦ 300µs, Duty cycle ≦ 2%
2.
When mounted on a 1*0.75*0.062 inch glass epoxy board



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com