Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2012SF55 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # DS2012SF55
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2012SF55 Datasheet(HTML) 5 Page - Dynex Semiconductor

  DS2012SF55 Datasheet HTML 1Page - Dynex Semiconductor DS2012SF55 Datasheet HTML 2Page - Dynex Semiconductor DS2012SF55 Datasheet HTML 3Page - Dynex Semiconductor DS2012SF55 Datasheet HTML 4Page - Dynex Semiconductor DS2012SF55 Datasheet HTML 5Page - Dynex Semiconductor DS2012SF55 Datasheet HTML 6Page - Dynex Semiconductor DS2012SF55 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
www.dynexsemi.com
DS2012SF
Fig.4 Total stored charge
Fig.5 Maximum reverse recovery current
Fig.7 Maximum (limit) transient thermal impedance -
junction to case
Fig.6 Surge (non-repetitive) forward current vs time
(with 50% V
RRM
at T
case
175˚C)
0.1
0.01
0.001
0.001
0.01
0.1
1.0
10
Time - (s)
Anode side cooled
Double side cooled
Conduction
d.c.
Halfwave
3 phase 120˚
6 phase 60˚
Effective thermal resistance
Junction to case ˚C/W
Double side
0.022
0.024
0.026
0.027
Single side
0.038
0.040
0.042
0.043
0.1
1.0
10
100
Rate of decay of forward current, dIF/dt - (A/µs)
10000
1000
100
Conditions:
Tj = 150˚C
VR = 100V
IF = 2000A
IRM
IF
dIF/dt
QS
0.1
1.0
10
100
Rate of decay of forward current, dIF/dt - (A/µs)
1000
100
10
Conditions:
Tj = 150˚C
VR = 100V
IF = 2000A
1
101
2
3
510
20
50
0
5
10
15
20
25
ms
Cycles at 50Hz
Duration
0.50
0.75
1.00
I2t = I2 x t
2
^
I2t



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com