Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC95F232Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DC95F232Z
Description  Thermometrics Thermistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC95F232Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DC95F232Z Datasheet HTML 1Page - List of Unclassifed Manufacturers DC95F232Z Datasheet HTML 2Page - List of Unclassifed Manufacturers DC95F232Z Datasheet HTML 3Page - List of Unclassifed Manufacturers DC95F232Z Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GE
Measurement & Control
NTC Interchangeable
Type 95 Series
Thermometrics Thermistors
Features
• Precision, solid state temperature sensor
• Interchangeability down to ±0.18°F (±0.1°C)
• Suitable for use over a range of -112°F to 302°F
(–80°C to 150°C)
• High sensitivity, greater than –4%/°C at 77°F
(25°C)
• Suitable for temperature measurement, control
and compensation
• High reliability and stability over an
interchangeable range
• Most popular Resistance (R) vs Temperature
(T) curves are available
• Resin-coated for good mechanical strength
and resistance to solvents
• Rugged construction
• For DC95: .012 in (0.3mm) diameter bare
tinned-copper lead wires
• For EC95: .008 in (0.2mm) diameter bare
tinned-alloylead wires
• For TK95: .010 in (.25mm) diameter PTFE
insulated lead wires


Similar Part No. - DC95F232Z

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
DC95F232Z AMPHENOL-DC95F232Z Datasheet
127Kb / 4P
Precision, solid state temperature sensor
More results

Similar Description - DC95F232Z

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
03006-11.7K-98-G100 GE-03006-11.7K-98-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-29.1K-97-G100 GE-03006-29.1K-97-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-111.3K-123-G100 GE-03006-111.3K-123-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-269.8K-138-G100 GE-03006-269.8K-138-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
03006-5818-97-G100 GE-03006-5818-97-G100 Datasheet
96Kb / 8P
NTC Diode Thermometrics Thermistors
logo
Amphenol Corporation
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
Thermometrics Thermistors
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
Thermometrics PTC Thermistors
YQS5893PT0 AMPHENOL-YQS5893PT0 Datasheet
194Kb / 2P
Thermometrics PTC Thermistors
YQS9122 AMPHENOL-YQS9122 Datasheet
109Kb / 2P
Thermometrics PTC Thermistors
YM120C15N182 AMPHENOL-YM120C15N182 Datasheet
114Kb / 2P
Thermometrics PTC Thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com