Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1271A-R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1271A-R
Description  NPN Plastic-Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1271A-R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1271A-R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1271A-R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SD1271A
7A , 150V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
08-Nov-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power switching applications
Low Collector to Emitter Saturation Voltage VCE(sat)
Satisfactory Linearity of Forward Current Transfer Ratio hFE
Large Collector Current
CLASSIFICATION OF hFE
Product-Rank
2SD1271A-R
2SD1271A-Q
2SD1271A-P
Range
60~120
90~180
130~260
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
7
V
Collector Current - Continuous
IC
7
A
Collector Power Dissipation
PC
2
W
Thermal Resistance From Junction To Ambient
RθJA
62.5
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
150
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
100
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=0.1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
10
µA
VCB=100V, IE=0
Emitter Cut – Off Current
IEBO
-
-
50
µA
VEB=5V, IC=0
DC Current Gain
hFE
45
-
-
VCE=2V, IC=0.1A
60
-
260
VCE=2V, IC=3A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.5
V
IC=5A, IB=250mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.5
V
IC=5A, IB=250mA
Transition Frequency
fT
-
30
-
MHz
VCE=10V, IC=500mA, f =10MHz
ITO-220J
A
M
J
K
L
L
G
F
B
N
D
E
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.80
15.60
H
3.00
4.00
B
9.50
10.50
J
0.90
1.50
C
13.00 REF.
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.20
M
2.50
2.90
F
2.40
2.90
N
φ 3.5 REF.
G
0.30
0.75


Similar Part No. - 2SD1271A-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1271A PANASONIC-2SD1271A Datasheet
59Kb / 3P
Silicon NPN epitaxial planar type(For power switching)
logo
Savantic, Inc.
2SD1271A SAVANTIC-2SD1271A Datasheet
150Kb / 5P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1271A JMNIC-2SD1271A Datasheet
38Kb / 1P
Silicon NPN Transistors
logo
Inchange Semiconductor ...
2SD1271A ISC-2SD1271A Datasheet
173Kb / 5P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1271A SAVANTIC-2SD1271A Datasheet
96Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD1271A-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com