Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1815 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1815
Description  NPN Epitaxial Planar Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1815 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1815 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1815 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SD1815
3A , 120V
NPN Epitaxial Planar Silicon Transistor
25-Feb-2014 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

A
C
D
H
G E
F
K
B
J
P
M
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Collector-to-Emitter Saturation Voltage
Excllent Linearity of hFE
High fT
Fast Switching Time
CLASSIFICATION OF hFE
Product-Rank
2SD1815-Q
2SD1815-R
2SD1815-S
Range
70~140
100~200
140~280
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
120
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
6
V
Collector Current -Continuous
IC
3
A
Collector Power Dissipation
PC
1
W
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
120
-
-
V
IC=10μA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
100
-
-
V
IC=1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
6
-
-
V
IE=10μA, IC=0
Collector cut-off current
ICBO
-
-
1
μA
VCB=100V, IE=0
Emitter cut-off current
IEBO
-
-
1
μA
VEB=4V, IC=0
70
-
280
VCE=5V, IC=500mA
DC current gain
hFE
40
-
-
VCE=5V, IC=2A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.4
V
IC=1.5A, IB=150mA
Base -emitter saturation voltage
VBE(sat)
-
-
1.2
V
IC=1.5A, IB=150mA
Transition frequency
fT
-
180
-
MHz
VCE=10V, IC=500mA
Collector Output Capacitance
COB
-
25
-
pF
VCB=10V, IE=0, f=1MHz
Turn-on time
ton
-
100
-
Storage time
tS
-
900
-
Fall time
tf
-
50
-
nS
VCC=50V, IC=1.5A,
IB1= -IB2= -0.15A
TO-251
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.35
6.80
G
5.40
6.25
B
4.90
5.50
H
0.85
1.50
C
2.15
2.40
J
2.30
D
0.43
0.90
K
0.60
1.05
E
6.50
7.50
M
0.50
0.90
F
7.20
9.65
P
0.43
0.62


Similar Part No. - 2SD1815

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1815 SANYO-2SD1815 Datasheet
128Kb / 4P
High-Current Switching Applications
logo
Guangdong Kexin Industr...
2SD1815 KEXIN-2SD1815 Datasheet
46Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
2SD1815 SANYO-2SD1815 Datasheet
523Kb / 10P
High-Current Switching Applications
logo
ON Semiconductor
2SD1815 ONSEMI-2SD1815 Datasheet
106Kb / 7P
Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
logo
Jiangsu Changjiang Elec...
2SD1815 JIANGSU-2SD1815 Datasheet
1Mb / 3P
TO-251-3L Plastic-Encapsulate Transistors
More results

Similar Description - 2SD1815

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com