Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2136-R Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD2136-R
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD2136-R Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD2136-R Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD2136-R Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SD2136
3A , 60V
NPN Plastic Encapsulated Transistor
03-Dec-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low frequency power amplifier
Low Collector-Emitter Saturation Voltage VCE(sat)
High Forward Current Transfer Ratio hFE Which has
Satisfactory Linearity.
CLASSIFICATION OF hFE (1)
Product-Rank
2SD2136-P
2SD2136-Q
2SD2136-R
Range
40~90
70~150
120~250
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
3
A
Collector Power Dissipation
PC
1.25
W
Thermal Resistance From Junction To Ambient
RθJA
100
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
1
V(BR)CEO
60
-
-
V
IC=30mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=0.1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
200
µA
VCB=60V, IE=0
Collector Cut – Off Current
ICEO
-
-
300
µA
VCE=60V, IB=0
Emitter Cut – Off Current
IEBO
-
-
1
mA
VEB=6V, IC=0
hFE (1)
40
-
250
VCE=4V, IC=1A
DC Current Gain
1
hFE (2)
10
-
-
VCE=4V, IC=3A
Collector to Emitter Saturation Voltage
1
VCE(sat)
-
-
1.2
V
IC=3A, IB=375mA
Collector Output Capacitance
1
VBE
-
-
1.8
V
VCE=4V, IC=3A
Transition Frequency
fT
-
30
-
MHz
VCE=5V, IC=100mA, f=10MHz
Note:
1.
Pulse test: pulse width ≤300µs, duty cycle≤ 2.0%.
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
TO-126
C
D
B
A
E
N
F
L
G
K
J
H
M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Similar Part No. - 2SD2136-R

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SD2136-TU DGNJDZ-2SD2136-TU Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SD2136-X-T60-K UTC-2SD2136-X-T60-K Datasheet
168Kb / 4P
POWER TRANSISTOR
More results

Similar Description - 2SD2136-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com