Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAP50W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAP50W
Description  Small Signal General Purpose PiN Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAP50W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAP50W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAP50W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAP50W-03
Small Signal General Purpose PiN Diode
23-Jan-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SOD-323
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Diode Capacitance
Low Diode Forward Resistance
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323
3K
7 inch
MAXIMUM RATINGS (Single diode @ T
A = 25°C)
Parameter
Symbol
Ratings
Unit
Continuous Reverse Voltage
VR
50
V
Continuous Forward Current
IF
50
mA
Power Dissipation (TA = 90°C)
P D
200
mW
Thermal Resistance Junction to Ambient
RθJA
85
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Continuous Reverse Voltage
VR
50
-
V
IR =10µA
Forward Voltage
VF
-
1.1
V
IF =50 mA
Reverse Current
IR
-
100
nA
VR =50 V
CD1A
-
0.91
VR =0, f = 1MHz
CD1B
-
1.11
VR =0, f = 1MHz
CD2
-
0.55
VR =1 V, f = 1MHz
Diode Capacitance
CD3
-
0.35
pF
VR =5 V, f = 1MHz
-
40
IF =0.5 mA, f =100 MHz
-
25
IF =1 mA, f =100 MHz
Diode Forward Resistance
1
rD
-
5
Ω
IF =10 mA, f =100 MHz
Note:
1. Guaranteed on AQL basis: inspection level S4,AQL 1.0
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
A81


Similar Part No. - BAP50W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAP50W-03 SECOS-BAP50W-03 Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W_15 Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
More results

Similar Description - BAP50W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAP64-05 SECOS-BAP64-05 Datasheet
189Kb / 2P
Small Signal General Purpose Pin Diode
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
Small Signal General Purpose Pin Diode
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
Small Signal General Purpose PiN Diode
BAP51W SECOS-BAP51W Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W_15 Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W_15 Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
BAP64WS SECOS-BAP64WS_15 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
BAP51W-02 SECOS-BAP51W-02 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64W-04 SECELECTRONICS-BAP64W-04 Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com