Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16WS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAV16WS
Description  Surface Mount Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAV16WS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAV16WS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAV16WS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAV16WS
Surface Mount Small Signal Switching Diode
01-Jul-2007 Rev. B
Page 1 of 2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Fast Switching Speed
Surface Mount Package Ideally Suited for automatic Insertion
For General Purpose Switching Applications
High Conductance
MARKING
T6 & T4
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Single diode @ T
A = 25°C)
Parameter
Symbol
Ratings
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak Forward Surge Current @=1.0μs
@=1.0s
IFSM
2.0
1.0
A
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
K/W
Junction, Storage Temperature
TJ, TSTG
125, -65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Reverse Voltage Leakage Current
IR
-
1
25
μA
nA
VR = 75V
VR = 20V
VF1
-
715
IF = 1mA
VF2
-
855
IF = 10mA
VF3
-
1000
IF = 50mA
Forward Voltage
VF4
-
1250
mV
IF = 150mA
Diode Capacitance
CT
-
2.0
pF
VR = 0, f=1MHz
Reverse Recovery Time
tRR
-
4
nS
IF = IR = 10 mA,
IRR=0.1xIR, RL=100Ω
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SOD-323


Similar Part No. - BAV16WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV16WS PANJIT-BAV16WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV16WS DIODES-BAV16WS Datasheet
62Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 4 - 2
BAV16WS DIODES-BAV16WS Datasheet
350Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30097 Rev. 10 - 2
logo
Won-Top Electronics
BAV16WS WTE-BAV16WS Datasheet
46Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAV16WS TSC-BAV16WS Datasheet
54Kb / 2P
Fast Switching Surface Mount Diode
More results

Similar Description - BAV16WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com