Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC212 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC212
Description  PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC212 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC212 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC212
-0.1A , -60V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
18-Dec-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Collector
1
Emitter
Base
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
General Purpose Switching and Amplification.
CLASSIFICATION OF hFE
Product-Rank
BC212
BC212B
BC212C
Range
140~600
140~400
350~600
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-0.1
A
Collector Power Dissipation
PC
350
mW
Thermal Resistance From Junction To Ambient
RθJA
357
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC= -0.01mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -2mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -0.01mA, IC=0
Collector Cut-Off Current
ICBO
-
-
-15
nA
VCB= -30V, IE=0
Collector Cut-Off Current
ICEO
-
-
-0.1
µ
A
VCE= -30V, IB=0
Emitter Cut-Off Current
IEBO
-
-
-15
nA
VEB= -4V, IC=0
DC Current Gain
BC212
hFE
140
-
600
VCE= -5V, IC= -2mA
BC212B
140
-
400
BC212C
350
-
600
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.6
V
IC= -100mA, IB= -5mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1.2
V
IC= -100mA, IB= -5mA
Base to Emitter Voltage
VBE
-
-
-0.72
V
VCE = -5V, IC= -2mA
Collector Output Capacitance
Cob
-
-
6
pF
VCB= -10V, IC=0, f=1MHz
Transition Frequency
fT
200
-
-
MHz
VCE= -5V, IC= -10mA, f=100MHz
TO-92
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76
1
1
1
1 Emitter
2
2
2
2 Base
3
3
3
3 Collector


Similar Part No. - BC212

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC212 MOTOROLA-BC212 Datasheet
107Kb / 4P
Amlifier Transistors (PNP)
logo
Fairchild Semiconductor
BC212 FAIRCHILD-BC212 Datasheet
329Kb / 5P
Process 63 PNP Medium Power
logo
Micro Electronics
BC212 MICRO-ELECTRONICS-BC212 Datasheet
62Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC212 SEMTECH_ELEC-BC212 Datasheet
76Kb / 1P
PNP Silicon Epitaxial Planar Transistor
logo
Jiangsu Changjiang Elec...
BC212 JIANGSU-BC212 Datasheet
549Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - BC212

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com