Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC807
Description  PNP Plastic Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC807 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC807 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC807 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BC807-16, -25, -40
-500 mA, -50 V
PNP Plastic Encapsulate Transistor
01-June-2002 Rev. B
Page 1 of 2
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
RoHS Compliant Product
A suffix of “-C” specifies halogen-free & RoHS compliant
FEATURES
Ideally suited for automatic insertion
Epitaxial planar die construction
Complementary to BC817 (NPN Type)
MARKING
BC807-16:5A;
BC807-25:5B;
BC807-40:5C
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-45
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Collector Power Dissipation
PC
300
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS at Ta = 25°C
Symbol
Min.
Max.
Unit
Test Conditions
BVCBO
-50
-
V
IC = -10 uA, IE = 0
BVCEO
-45
-
V
IC = -10 mA, IB = 0
BVEBO
-5
-
V
IE = -1 uA, IC = 0
ICBO
-
-0.1
uA
VCB = -45V, IE = 0
ICEO
-
-0.2
uA
VCE = -40V, IB = 0
IEBO
-
-0.1
uA
VEB = -4V, IC = 0
VCE(sat)
-
-0.7
V
IC = -500mA, IB = -50 mA
VBE(sat)
-
-1.2
V
IC = -500mA, IB = -50 mA
hFE(1)
807-16
807-25
807-40
100
160
250
250
400
600
VCE = -1 V, IC = -100 mA
fT
100
-
MHz
VCE = -5 V, IC = -10 mA, f = 100MHz


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401_14 Datasheet
439Kb / 4P
PNP Plastic Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com