Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847AT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC847AT
Description  NPN Plastic Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC847AT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC847AT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC847AT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC847AT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC847AT /BC847BT /BC847CT
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
06-Jan-2011 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
MARKING
Product
Marking Code
BC847AT
1E
BC847BT
1F
BC847CT
1G
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-523
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS ( TA = 25°C unless otherwise noted )
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
0.1
A
Collector Power Dissipation
PC
150
mW
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
℃
Base
Emitter
Collector
SOT-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - BC847AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847AT PHILIPS-BC847AT Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 26
logo
Diodes Incorporated
BC847AT DIODES-BC847AT Datasheet
59Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30274 Rev. A-2
logo
Infineon Technologies A...
BC847AT INFINEON-BC847AT Datasheet
229Kb / 9P
NPN Silicon AF Transistors
Aug-01-2002
logo
Weitron Technology
BC847AT WEITRON-BC847AT Datasheet
84Kb / 4P
General Purpose Transistor NPN Silicon
logo
NXP Semiconductors
BC847AT PHILIPS-BC847AT Datasheet
84Kb / 13P
45 V, 100 mA NPN general-purpose transistors
Rev. 8-20 August 2012
More results

Similar Description - BC847AT

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com